Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 42 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 38Page - STMicroelectronics STW5094ADLF Datasheet HTML 39Page - STMicroelectronics STW5094ADLF Datasheet HTML 40Page - STMicroelectronics STW5094ADLF Datasheet HTML 41Page - STMicroelectronics STW5094ADLF Datasheet HTML 42Page - STMicroelectronics STW5094ADLF Datasheet HTML 43Page - STMicroelectronics STW5094ADLF Datasheet HTML 44Page - STMicroelectronics STW5094ADLF Datasheet HTML 45Page - STMicroelectronics STW5094ADLF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
STw5094A
42/51
VOICE CODEC DISTORTION
Transmit path
(*) The limit curve shall be determined by straight lines joining successive coordinates given in the table.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STDX
(*)
Signal to Total Distortion
(up to 35dB gain)
FS frequency = 8kHz.
Typical values are measured with
30.5dB gain
Sinusoidal Test Method
(measured using linear 300 Hz to
3400 Hz weighting) FSS = 0
Level = +3 dBm0
Level = 0 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
68
64
59
49
40
30
25
15
75
73
68
64
54
44
34
29
19
dB
dB
dB
dB
dB
dB
dB
dB
dB
Signal to Total Distortion
FS frequency = 16kHz.
Typical values are measured with
30.5dB gain
Sinusoidal Test Method
(measured using linear 300 Hz to
6800 Hz weighting) FSS = 1
Level = +3 dBm0
Level = 0 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
72
70
65
61
51
41
31
26
16
dB
dB
dB
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com