Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 31Page - STMicroelectronics STW5094ADLF Datasheet HTML 32Page - STMicroelectronics STW5094ADLF Datasheet HTML 33Page - STMicroelectronics STW5094ADLF Datasheet HTML 34Page - STMicroelectronics STW5094ADLF Datasheet HTML 35Page - STMicroelectronics STW5094ADLF Datasheet HTML 36Page - STMicroelectronics STW5094ADLF Datasheet HTML 37Page - STMicroelectronics STW5094ADLF Datasheet HTML 38Page - STMicroelectronics STW5094ADLF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35/51
STw5094A
I2C bus control port timing
Note: A signal is valid if it is above VIH or below VIL and invalid if it is between VIL and VIH.For the purpose of this specification the following
conditions apply (see Fig. 15):
a) All input signal are defined as: VIL = 0.2VCCIO, VIH = 0.8VCCIO, tR < 10ns, tF < 10ns.
b) Delay times are measured from the inputs signal valid to the output signal valid.
c) Setup times are measured from the data input valid to the clock input invalid.
d) Hold times are measured from the clock signal valid to the data input invalid.
tHMD
Hold Time, MCLK low to DR
invalid
10
ns
tHMFR
Hold Time MCLK High to FS low
30
ns
tSFMR
Setup Time, FS high to MCLK
High
30
ns
tDMDR
Delay Time, MCLK low to data
valid
Load = 20pF
100
ns
tDMZR
Delay Time, MCLK High to DX
disabled
10
100
ns
tHMDR
Hold Time, MCLK High to DR
invalid
20
ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fSCL
Clock Frequency
400
kHz
tHIGH
Clock High Time
600
ns
tLOW
Clock Low Time
1300
ns
tR
SDA and SCL Rise Time
1000
ns
tF
SDA and SCL Fall Time
300
ns
tHD:STA
Start Condition Hold Time
600
ns
tSU:STA
Start Condition Setup Time
600
ns
tHD:DAT
Data Input Hold Time
0
ns
tSU:DAT
Data Input Setup Time
250
ns
tSU:STO
Stop Condition Setup Time
600
ns
tBUF
Bus Free Time
1300
ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com