Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094ADLF Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW5094ADLF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADLF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW5094ADLF Datasheet HTML 18Page - STMicroelectronics STW5094ADLF Datasheet HTML 19Page - STMicroelectronics STW5094ADLF Datasheet HTML 20Page - STMicroelectronics STW5094ADLF Datasheet HTML 21Page - STMicroelectronics STW5094ADLF Datasheet HTML 22Page - STMicroelectronics STW5094ADLF Datasheet HTML 23Page - STMicroelectronics STW5094ADLF Datasheet HTML 24Page - STMicroelectronics STW5094ADLF Datasheet HTML 25Page - STMicroelectronics STW5094ADLF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
STw5094A
22/51
Control Register CR19 Functions (Address: 0x13)
*: state at power on initialization
X: reserved write 0
Control Register CR20 Functions (Address: 0x14)
*: state at power on initialization
76
5
4
32
10
Function
TREBLE(2:0)
BASS(3:0)
X
0
0
0
0
1
1
1
1
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
+6dB Treble Gain
+4dB Treble Gain
+2dB Treble Gain
0dB Treble Gain
*
-2dB Treble Gain
-4dB Treble Gain
-6dB Treble Gain
De-emphasis filter enabled
0
0
0
0
0
0
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
+12.5dB Bass Gain
+10.0dB Bass Gain
+7.5dB Bass Gain
+5.0dB Bass Gain
+2.5dB Bass Gain
0dB Bass Gain
*
-2.5dB Bass Gain
-5.0dB Bass Gain
-7.5dB Bass Gain
-10.0dB Bass Gain
-12.5dB Bass Gain
76
5
4
32
10
Function
FMS
MFM
CMP
VOL (4:0)
0
1
FM sum function disabled
*
FM sum function enabled
0
1
FM input from FML, FMR
*
FM input from MIC3 (to Left and Right)
0
1
Audio Dynamic compressor OFF
*
Audio Dynamic compressor ON
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0 dB Audio Attenuation
*
2 dB Audio Attenuation
4 dB Audio Attenuation
6 dB Audio Attenuation
8 dB Audio Attenuation
10 dB Audio Attenuation
12 dB Audio Attenuation
15 dB Audio Attenuation
18 dB Audio Attenuation
21 dB Audio Attenuation
24 dB Audio Attenuation
27 dB Audio Attenuation
30 dB Audio Attenuation
33 dB Audio Attenuation
36 dB Audio Attenuation
39 dB Audio Attenuation
42 dB Audio Attenuation
45 dB Audio Attenuation
48 dB Audio Attenuation
54 dB Audio Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com