Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2000T Datasheet HTML 1Page - NXP Semiconductors UBA2000T Datasheet HTML 2Page - NXP Semiconductors UBA2000T Datasheet HTML 3Page - NXP Semiconductors UBA2000T Datasheet HTML 4Page - NXP Semiconductors UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Jan 03
4
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
PINNING
SYMBOL
PIN
DESCRIPTION
Vsense
1
sense voltage
GND
2
ground (0 V)
Vout
3
output voltage
Vin
4
input voltage
n.c.
5
not connected
VCC
6
supply voltage
n.c.
7
not connected
TEST
8
test pin
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MGE001
UBA2000T
TEST
n.c.
GND
VCC
n.c.
Vin
Vout
Vsense
FUNCTIONAL DESCRIPTION
The UBA2000T is an Integrated Circuit that performs all
functions necessary to ignite a TL-lamp. The circuit is
connected to the lamp circuit according to Figs. 7 or 8.
The mains voltage is rectified and divided over resistors
R1 and R2 to a lower level. When the mains power is
switched on, the buffer capacitor C1 is charged through
the resistive divider and internal switch S1. As long as the
supply voltage at the buffer capacitor (VCC, see
“Characteristics”) is below the reset level (VCC(rst)),
the UBA2000T initializes its internal circuitry.
When VCC has reached the start level (VCC(sl)) and the
peak value of Vin >Vign (indicating that the mains supply is
near its peak value), the external switching device TH1 will
be turned on. This results in a current through the
electrodes of the TL-lamp, the switching device and an
integrated sense resistor. Because the current starts to
flow when the mains voltage is near its peak value,
transient currents are limited.
When the switching device is turned on, the circuit draws
its supply current from buffer capacitor C1. A typical wave
shape of the voltage at pin 6 (VCC) is given in Fig.3. During
the preheat periods the buffer capacitor is discharged.
The rectified current through the sense resistor is detected
and the output signal of the detector is used as a clock
signal for the counter. The preheat time is defined to 1.52 s
(at 50 Hz mains supply) using this counter. The preheat
time is very accurate, since it only depends on the
frequency of the mains supply.
After preheating, the switching device is turned off when
the current through the internal sense resistor equals at
least 285 mA. As a result of the current interruption and the
presence of an inductive load, a voltage peak is generated
that will normally ignite the TL-lamp. After ignition, the
lamp voltage is lower than the mains voltage. An ignited
TL-lamp prevents the voltage at pin 6 (VCC) to exceed start
level. In Fig.3 the TL-lamp is ignited after two ignition
attempts.
Fig.3 Typical wave shape of supply voltage.
handbook, full pagewidth
MGE006
VCC(sl)
VCC
tprf
tini
tprn
first preheat
second
preheat
time
first
ignition
second
ignition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com