Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2000T Datasheet HTML 1Page - NXP Semiconductors UBA2000T Datasheet HTML 2Page - NXP Semiconductors UBA2000T Datasheet HTML 3Page - NXP Semiconductors UBA2000T Datasheet HTML 4Page - NXP Semiconductors UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Jan 03
2
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
FEATURES
• Electronic starter, fully compatible with conventional
glow-switch starters
• Reliable and instant ignition
• Accurate defined preheat time derived from the mains
frequency
• Increased starter life since no mechanical parts are
used
• No radio-interference (according to “IEC926 10.5”)
• Automatic reset after interruption of supply voltage
• Large operating temperature range: −40 to +85 °C
• Maximum current protection of the preheat current
• Ignition shut-off at end of lamp life; no overheating of
load.
GENERAL DESCRIPTION
The UBA2000T is an integrated circuit for electronic
TL-lamp starters and is fully compatible with conventional
glow switch starters. The circuit controls the preheating
and ignition of the lamp. The preheat time is well defined
without spread, since it is derived from the mains
frequency. When the lamp fails, ignition is shut-off after 7
ignition attempts. The circuit has an automatic reset when
the supply voltage is interrupted.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA2000T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com