Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2000T Datasheet HTML 3Page - NXP Semiconductors UBA2000T Datasheet HTML 4Page - NXP Semiconductors UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors UBA2000T Datasheet HTML 10Page - NXP Semiconductors UBA2000T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Jan 03
7
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
Counter
With the counter, which is supplied with pulses with twice
the frequency of the mains supply, the preheat time for the
first preheat and (if necessary) the next six preheats is
defined.
Time select
Depending on the state of the counter a long (tprf = 1.52 s)
or a short (tprn = 0.64 s) preheat time is selected.
Number of starts counter
The number of starts are counted by a counter. After seven
ignition attempts the IC is brought into standby state.
In standby state the supply current (ICC) is increased.
Due to the increased current, the buffer capacitor C1 will
discharge faster when the starter is disconnected from the
mains. This makes it possible to automatically reset the
starter the moment a malfunctioning tube is replaced by a
new one.
Current protection
When the current through the sense resistor exceeds its
limit (Iprot), the switching device will be turned off. During
the first few periods of conduction, the current protection is
disabled (disable time td) to ensure that transient currents
do not trigger the current protection. When the current has
exceeded its limit, the switching device is turned off and
the IC enters the standby state that prevents re-activating
the switching device. Only an interruption of the supply
voltage will reset the standby state.
Output driver
The output driver is capable of driving a low input current
trigger device as well as a device controlled by a gate.
During start-up the output is kept low to prevent turning on
the external switching device.
TRIGGER DEVICE
A typical application that uses a low input current trigger
device (such as TN22) as switching device is given in
Fig.7. The resistive divider R1//R2 is not connected to
ground but to the gate of the trigger device.
This has a minimal effect on the voltage division ratio,
since the voltage at the gate of the trigger device is low.
The output driver generates the current pulse, which is
necessary to activate the external switching device TH1.
This current pulse is synchronized with the voltage at pin 4
(Vin). The switching device is triggered when Vin reaches
the Vign level. In that way the current through resistors R1
and R2 is a part of the current needed to activate the
switching device. If necessary, the current pulse is
delivered every half cycle of the mains voltage. When the
switching device must be turned off, the output driver is
capable of sinking the gate turn-off current of the switching
device.
It might be necessary to limit the current peaks, which flow
through the switching device at turn-on, resulting from
discharging the suppressor capacitor (C2). This can be
achieved using a resistor (R3).
GATE INPUT DEVICE
A typical application that uses a MOSFET is given in Fig.8.
In this circuit the resistive divider is connected to ground.
The output driver of the IC operates the same way as when
a trigger device is used. The output current pulse will
charge the gate of the MOSFET. As a result, the MOSFET
will be activated.
To keep the MOSFET conductive, a high ohmic pull-up
resistor is connected between the gate of the MOSFET
and the buffer capacitor C1. This is necessary, because
the output current is a pulse and not a continuous signal.
This pull-up resistor increases the current which is drawn
from the buffer capacitor. An internal zener diode in the IC
limits the voltage at the output (and thus at the gate of the
MOSFET) to a typical value of 6.8 V.
Both switching devices require the breakdown voltage
(V(BR)AK or V(BR)DS) to be larger than the ignition voltage of
the TL-lamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com