Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2000T Datasheet HTML 4Page - NXP Semiconductors UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors UBA2000T Datasheet HTML 10Page - NXP Semiconductors UBA2000T Datasheet HTML 11Page - NXP Semiconductors UBA2000T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Jan 03
8
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. This pin is connected to an internal zener diode (typical working voltage is 6.8 V).
2. This pin is connected to an internal zener diode (working voltage between 130 and 230 V).
The current entering this pin must be limited to <10 mA.
3. Inrush current, duration <2 ms.
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E” with the following exception: With respect to the integrated sense resistor a lifetime
of 60000 lamp starts (with max. 7 start attempts) at maximum preheat current level of 1.4 A (RMS) is guaranteed.
The number of the quality specification can be found in the
“Quality Reference Handbook”. The handbook can be ordered
using the code 9397 750 00192.
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C; all voltages referenced to GND; see application diagrams (Figs. 7 and 8); Vmains = 220 V, 50 Hz; N is the
number of ignition attempts; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Vout
output voltage
note 1
−
6V
Vin
input voltage
note 2
−
125
V
VTEST
voltage at test pin
−
6V
Isense
current through sense resistor
note 3
−
6A
Ptot
total power dissipation
−
395
mW
Tstg
storage temperature
non-operating
−55
150
°C
Tamb
ambient temperature
operating
−40
85
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
160
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IC voltages
VCC(sl)
supply voltage start level
40
44
49
V
VCC(rst)
supply voltage reset level
−−
9V
Vign
ignition voltage
striking switching device
67
−
97
V
Lamp voltages
Vlamp
TL-lamp voltage
50
−
140
V
Supply current
ICC
supply current
VCC = 30 V; note 1
−
32
42
µA
after 7th start attempt;
VCC =30V
−
145
−µA
Ic
control current
note 2
−
170
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com