Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2000T Datasheet HTML 1Page - NXP Semiconductors UBA2000T Datasheet HTML 2Page - NXP Semiconductors UBA2000T Datasheet HTML 3Page - NXP Semiconductors UBA2000T Datasheet HTML 4Page - NXP Semiconductors UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Jan 03
5
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
During preheating, the integrated circuit draws its supply
current from the buffer capacitor. As a result, the voltage
over the buffer capacitor decreases. When the ignition has
failed after the ignition pulse, the voltage on the buffer
capacitor increases to start level and the external
switching device will be turned on again. This time the
preheat time is reduced to 0.64 seconds because the lamp
electrodes are still warm. An internal counter limits the
number of ignitions attempts to 7. This prevents the lamp
from flickering at end of lamp life.
The UBA2000T has an integrated current protection.
When the current through the sense resistor exceeds the
protection level (Iprot), the switching device is turned off
and the circuit will enter a standby state. Switching the
mains voltage off and on again will reset the circuit.
The flow chart of the starting process is given in Fig.5.
In the following subsections the several blocks of the block
diagram are described in more detail.
IC supply
When the mains power is switched on, the buffer capacitor
is charged and the internal current source is started.
The internal voltage is stabilized, making it independent of
the voltage at the buffer capacitor. An internal zener diode
limits the voltage at pin 6 (VCC) to start level (VCC(sl)).
Voltage detectors
The voltage detectors measure the voltage on the buffer
capacitor and activate the switching device when the start
value (VCC(sl)) is reached. The time required to charge the
capacitor is the initial time (tini, see also Fig.3).
This time depends on the value of C1, the IC current and
the source resistance at pin Vin (R1//R2). When the mains
voltage is near its peak value, the switching device is
actually turned on. When the voltage decreases to a value
indicating that the mains supply is interrupted, the starter
is ready to start preheating and igniting the TL-lamp at the
moment the mains supply returns.
Latch
The internal state of the latch represents the state of the
switching device. The setting of the latch depends on the
outputs of the voltage detectors, the number of starts
counter and the standby state. Resetting the latch is
controlled by the timer, the current detector and the current
protection circuit.
Current detector
The current detector detects when the switching device
must be turned off. The current detector also generates the
clock pulses to activate the counter (see Fig.4). For proper
functioning, the preheat current should be within the range
indicated by Ipr. By including an hysteresis, unwanted
current peaks on the preheat current have no effect on the
counter. Because the current detector has a low-pass
transfer function, it is not influenced by spikes. This
circuitry eliminates the effect of spikes on the preheat time.
Edge detector
The edge detector ensures that the switching device will
be turned off when the rectified preheat current is on the
negative-going edge.
Fig.4 Current detection.
handbook, full pagewidth
MGE007
hysteresis
Iso level
current through
sense resistor
clock signal
(fed to counter)
switch off level at end of preheat
clock generation during preheat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com