Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors UBA2000T Datasheet HTML 10Page - NXP Semiconductors UBA2000T Datasheet HTML 11Page - NXP Semiconductors UBA2000T Datasheet HTML 12Page - NXP Semiconductors UBA2000T Datasheet HTML 13Page - NXP Semiconductors UBA2000T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1996 Jan 03
10
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
APPLICATION INFORMATION
Fig.7 Application diagram (with trigger device).
handbook, full pagewidth
100
Ω
5.6 nF
3.3
µF
Vlamp
Vin
Vout
Vsense
VCC
ICC
Ic
TL-
LAMP
load
C
0.6 to 2 H
mains
supply
CIRCUIT
S2
D0
S1
GND
64
3
C1
1
2
UBA2000T
R3
100 k
Ω
R1
62
k
Ω
R2
C2
TH1
(i.e. TN22)
MGE004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com