Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2000T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2000T
Description  Electronic TL-lamp starter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2000T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2000T Datasheet HTML 5Page - NXP Semiconductors UBA2000T Datasheet HTML 6Page - NXP Semiconductors UBA2000T Datasheet HTML 7Page - NXP Semiconductors UBA2000T Datasheet HTML 8Page - NXP Semiconductors UBA2000T Datasheet HTML 9Page - NXP Semiconductors UBA2000T Datasheet HTML 10Page - NXP Semiconductors UBA2000T Datasheet HTML 11Page - NXP Semiconductors UBA2000T Datasheet HTML 12Page - NXP Semiconductors UBA2000T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 Jan 03
9
Philips Semiconductors
Product specification
Electronic TL-lamp starter
UBA2000T
Output stage
Isource
peak source current
(pulse shape Fig.6)
Vout < 2 V; striking
switching device
1.5
−
10
mA
Isink
output sink current
Vout = 0.8 V
50
−−
mA
tW
pulse width
VCC =30V
5
−−µs
Qp
pulse charge
VCC = 30 V; note 3
21
−−
nC
Vout
output voltage
Isink = 0.5 mA; driving gate
device in preheat mode
−
6.8
−
V
Timing
tprf
preheat time (first)
N = 1; note 4
−
1.52
−
s
tprn
preheat time (next)
2
≤ N ≤ 7; note 5
−
0.64
−
s
tini
initial time
−
125
−
ms
Current protection
Iprot(m)
current protection level (peak value)
2.2
3.4
−
A
td
delay time before current protection is
enabled
note 6
−
70
−
ms
Sense resistor
Rsense
internal sense resistor
note 7
−
26
−
m
Ω
Preheat current
Ipr(rms)
preheat current (RMS value)
note 8
0.33
−
1.4
A
Switching off current
Iso
preheat current level at the moment it
is switched off
note 9
285
380
475
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Notes
1. When the switching device is triggered, ICC =Isource.
2. This is the active current when the lamp is lit.
The given value is valid for Vlamp = 115 V. The total
current at Vin equals: Iin =ICC +Ic (leakage currents
are neglected).
3. Qp =Isource × tp.
4. Time is derived from the mains frequency; division
factor equals 76.
5. Time is derived from the mains frequency; division
factor equals 32.
6. The delay time is set by a clock signal, which is derived
from the current through the sense resistor. Due to
inrush transients of the preheat current, variation of td
is possible.
7. This is the resistance of the internal sense circuit
(excluding the bonding wires).
8. To guarantee good functioning, a crest factor of at
least 1.5 is needed at low currents.
9. When the holding current of TH1 is lower than Iso, TH1
is switched off at the holding current (in case of a
trigger device).
Fig.6 Pulse shape (typical value).
handbook, halfpage
MGE008
Isource
(mA)
3
tw = 7 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com