Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2176GL
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2176GL Datasheet HTML 11Page - Monolithic Power Systems MP2176GL Datasheet HTML 12Page - Monolithic Power Systems MP2176GL Datasheet HTML 13Page - Monolithic Power Systems MP2176GL Datasheet HTML 14Page - Monolithic Power Systems MP2176GL Datasheet HTML 15Page - Monolithic Power Systems MP2176GL Datasheet HTML 16Page - Monolithic Power Systems MP2176GL Datasheet HTML 17Page - Monolithic Power Systems MP2176GL Datasheet HTML 18Page - Monolithic Power Systems MP2176GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
15
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Over-Current Protection (OCP)
The MP2176 enters over-current protection
(OCP) mode when the inductor current reaches
the current limit and attempts to recover from
the over-current fault with hiccup mode. In
OCP, the chip disables the output power stage,
discharges the soft-start capacitor, and then
attempts to soft-start again automatically. If the
over-current condition still remains after the soft
start ends, the chip repeats this operation cycle
until the over-current condition is removed and
the output rises back to the regulation level.
The MP2176 also operates in hiccup mode
when a short circuit occurs.
Power Good (PG)
The MP2176 has a power-good (PG) output
that can be connected to VCC or another voltage
source through a resistor (e.g.: 100k
Ω). When
the MP2176 is powered on, and VFB is above
90% of VREF, PG is pulled high.
When VFB drops to 70% of VREF or the part is
not powered on, PG is pulled low.
Soft Start/Stop (SS)
The MP2176 employs a soft-start/-stop (SS)
mechanism to ensure a smooth output during
power-up and power-down.
When EN rises high, an internal current source
(8
μA) charges up the SS capacitor (C6). The
SS capacitor voltage takes over VREF to the
PWM comparator. The output voltage ramps up
smoothly with the SS voltage (VSS). Once VSS
reaches the same level as VREF, VSS continues
ramping up while VREF takes over the PWM
comparator. At this point, the soft start finishes,
and the device enters steady-state operation.
When EN is pulled low, the SS cap voltage is
discharged through an 8µA internal current
source. Once VSS reaches VREF, it takes over
the PWM comparator. The output voltage
decreases smoothly with VSS until it reaches
zero.
The
SS
capacitor
value
can
be
determined with Equation (9):
SS
SS
SS
REF
t (ms) I ( A)
C (nF)
V

(9)
If
the
output
capacitors
have
a
large
capacitance value, the SS time should not be
too small. Otherwise, the current limit can be
reached easily during SS. A minimum value of
4.7nF should be used if the output capacitance
value is larger tha
n 330μF.
Over-/Under-Voltage Protection (OVP/UVP)
The MP2176 has non-latching over-voltage
protection (OVP). The device monitors the
output voltage through a resistor divider VFB to
detect an over-voltage condition on the output.
When VFB is higher than 120% of VREF (0.610V),
the LS-FET is turned on while the HS-FET is
off. The LS-FET remains on until it reaches the
negative current limit and turns off for 100ns. If
the over-voltage condition still remains, the chip
repeats this operation cycle until VFB drops
below 110% of VREF.
When VFB is below 50% of VREF (0.610V), this is
recognized as an under-voltage (UV) condition.
Usually,
under-voltage
protection
(UVP)
is
caused by an over-current (OC) condition and
results in over-current protection (OCP).
Configuring the EN Control
EN provides an electrical on/off control of the
device. Drive EN high to turn on the regulator.
Drive EN low to turn off the regulator. Do not
float EN.
For automatic start-up, EN can be pulled up to
the input voltage through a resistive voltage
divider.
Determine
the
automatic
start-up
voltage by choosing the values of the pull-up
resistor (RUP from IN to EN) and the pull-down
resistor (RDOWN from EN to GND) with Equation
(10):
UP
DOWN
IN START
DOWN
RR
V
1.4
R

(10)
For example, when RUP = 100kΩ and RDOWN =
51kΩ, VIN-START is 4.15V.
To prevent noise, use a 10nF ceramic capacitor
from EN to GND.
Pre-Bias Start-Up
If the output is pre-biased to a certain voltage
during
start-up,
the MP2176
disables
the
switching of both the high-side and low-side
switches until the voltage on the internal soft-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com