Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2176GL
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2176GL Datasheet HTML 12Page - Monolithic Power Systems MP2176GL Datasheet HTML 13Page - Monolithic Power Systems MP2176GL Datasheet HTML 14Page - Monolithic Power Systems MP2176GL Datasheet HTML 15Page - Monolithic Power Systems MP2176GL Datasheet HTML 16Page - Monolithic Power Systems MP2176GL Datasheet HTML 17Page - Monolithic Power Systems MP2176GL Datasheet HTML 18Page - Monolithic Power Systems MP2176GL Datasheet HTML 19Page - Monolithic Power Systems MP2176GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
16
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
start capacitor exceeds the sensed output
voltage at FB. There is an internal Zener diode
on EN, which clamps the EN voltage to prevent
a runaway. Assuming a worst-case 6V internal
Zener clamp, the maximum pull-up current
should be less than 1mA. Therefore, when EN
is driven by an external logic signal, the EN
voltage should be lower than 6V. When EN is
connected to IN through a pull-up resistor or a
resistive
voltage
divider,
the
resistance
selection should ensure that the maximum pull-
up current is less than 1mA.
If using a resistive voltage divider and an IN
value higher than 6V, the allowed minimum
pull-up resistor (RUP) should meet Equation (11):
IN
UP
DOWN
V (V) 6
6
1(mA)
R (k )
R
(k )


(11)
As a result, when only RUP is applied, VIN-START
is
determined
by
the
input
under-voltage
lockout (UVLO). The value of RUP can be
calculated with Equation (12):
IN
UP
V (V)
6
R (k )
1(mA)

(12)
A typical pull-up resistor is 100k
Ω.
Thermal Shutdown
Thermal shutdown is employed in the MP2176.
The junction temperature of the IC is monitored
internally. If the junction temperature exceeds
the threshold value (minimum 150°C), the
converter
shuts
off.
This
is
a
non-latch
protection. There is a hysteresis of about 25°C.
Once the junction temperature drops to about
125°C, a soft start-up is initiated.
Under-Voltage Lockout (UVLO) Protection
The MP2176 has a UVLO protection. When
VCC is higher than the UVLO rising threshold
voltage, the MP2176 is powered up. The
MP2176 shuts off when VCC is lower than the
UVLO falling threshold voltage. This is a non-
latch protection.
The MP2176 is disabled when VCC falls below
its
UVLO falling
threshold
(2.45V).
If
an
application requires a higher UVLO, use EN to
adjust the input voltage UVLO by using two
external
resistors
(see
Figure
6).
It
is
recommended to use the EN resistors to set the
UVLO falling threshold (VSTOP) above 2.8V. The
rising threshold (VSTART) should be set to
provide enough of a hysteresis to allow for any
input supply variation.
Figure 6: Adjustable UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com