Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2176GL
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2176GL Datasheet HTML 14Page - Monolithic Power Systems MP2176GL Datasheet HTML 15Page - Monolithic Power Systems MP2176GL Datasheet HTML 16Page - Monolithic Power Systems MP2176GL Datasheet HTML 17Page - Monolithic Power Systems MP2176GL Datasheet HTML 18Page - Monolithic Power Systems MP2176GL Datasheet HTML 19Page - Monolithic Power Systems MP2176GL Datasheet HTML 20Page - Monolithic Power Systems MP2176GL Datasheet HTML 21Page - Monolithic Power Systems MP2176GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
18
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Cdc is suggested to be at least 10 times larger
than C4 for better DC blocking performance.
Cdc
should
be
no
larger
than
0.47
μF,
considering the start-up performance. For better
FB noise immunity, combine a larger Cdc with a
reduced R1 and R2 to limit the Cdc to a
reasonable value without affecting system start-
up. Note that even when the Cdc is applied, the
load and line regulation are still related to VRAMP.
R1
R2
Ceramic
SW
FB
Vo
L
Cdc
R4
C4
Figure 9: Simplified Circuit of a Ceramic
Capacitor with a DC Blocking Capacitor
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Ceramic capacitors are recommended
for the best performance. In the layout, place
the input capacitors as close to IN as possible.
The capacitance varies significantly with the
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over-temperature.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (18):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(18)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (19):
OUT
CIN
I
I
2
(19)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system design, choose an input capacitor that
meets the specification The input voltage ripple
can be estimated with Equation (20):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(20)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (21):
OUT
IN
SW
IN
I
1
V
4
f
C
 
(21)
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors
are
recommended.
The
output
voltage ripple can be estimated with Equation
(22):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
 
(22)
In
the
case
of
ceramic
capacitors,
the
impedance
at
the
switching
frequency
is
dominated by the capacitance. The output
voltage
ripple
is
caused
mainly
by
the
capacitance.
For
simplification,
the
output
voltage ripple can be estimated with Equation
(23):
OUT
OUT
OUT
2
IN
SW
OUT
VV
V
(1
)
V
8 f
L C
 
 
(23)
The output voltage ripple caused by the ESR is
very small and therefore requires an external
ramp to stabilize the system. The external ramp
can be generated through a resistor (R4) and
capacitor (C4) following Equation (4), Equation
(7), and Equation (8).
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. The ramp voltage generated from
the ESR is high enough to stabilize the system
and therefore does not require an external ramp.
A
minimum
ESR
value
(calculated
with
Equation (3)) is required to ensure stable
operation of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com