Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2176GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2176GL
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2176GL Datasheet HTML 15Page - Monolithic Power Systems MP2176GL Datasheet HTML 16Page - Monolithic Power Systems MP2176GL Datasheet HTML 17Page - Monolithic Power Systems MP2176GL Datasheet HTML 18Page - Monolithic Power Systems MP2176GL Datasheet HTML 19Page - Monolithic Power Systems MP2176GL Datasheet HTML 20Page - Monolithic Power Systems MP2176GL Datasheet HTML 21Page - Monolithic Power Systems MP2176GL Datasheet HTML 22Page - Monolithic Power Systems MP2176GL Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
19
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
For simplification, the output ripple can be
approximated with Equation (24):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(24)
Selecting the Inductor
An inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. A larger-value
inductor results in less ripple current and lower
output ripple voltage but also has a larger
physical size, higher series resistance, and
lower saturation current. A good rule for
determining the inductor value is to allow the
peak-to-peak ripple current in the inductor to be
approximately 10 ~ 30% of the maximum output
current. Also, ensure that the peak inductor
current is below the current limit of the device.
The inductance value can be calculated with
Equation (25):
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(25)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (26):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2 f
L
V
 

(26)
The inductors listed in Table 1 are highly
recommended for the high efficiency they can
provide.
Typical Design Parameter Tables
The tables on page 20 include recommended
component values for typical output voltages
(1.0V,
1.2V,
1.8V,
3.3V)
and
switching
frequencies (600kHz, 800kHz, 1MHz). Refer to
Table 2 and Table 3 for design cases without
external ramp compensation. Refer to Table 4
and Table 5 for design cases with external
ramp compensation. An external ramp is not
required when high ESR capacitors, such as
electrolytic or POSCAPs, are used. An external
ramp is required when low ESR capacitors,
such as ceramic capacitors, are used. For
cases not listed in this datasheet, a calculator in
an Excel spreadsheet can also be requested
through an MPS sales representative to assist
with the calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com