Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 15Page - Monolithic Power Systems MPX2003 Datasheet HTML 16Page - Monolithic Power Systems MPX2003 Datasheet HTML 17Page - Monolithic Power Systems MPX2003 Datasheet HTML 18Page - Monolithic Power Systems MPX2003 Datasheet HTML 19Page - Monolithic Power Systems MPX2003 Datasheet HTML 20Page - Monolithic Power Systems MPX2003 Datasheet HTML 21Page - Monolithic Power Systems MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
19
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MPX2003 is an all-in-one flyback controller
that provides the benefits
of primary-side
regulation (PSR) and secondary-side regulation
(SSR).
The
MPX2003
achieves
accurate
regulation while reducing system complexity and
the total solution cost.
The MPX2003 implements a complete SSR
scheme.
Both
the
control
loop
and
the
modulation block are placed on the secondary
IC, so the driving signal of the synchronous
rectifier (SR) can match the driving signal of the
primary-side MOSFET. This allows the SR to
operate safely in continuous conduction mode
(CCM), which increases overall efficiency and
provides the robust design more flexibility.
PRIMARY IC FUNCTIONS
Start-Up with Brown-In/Brownout Detection
The IC is disabled when there is no power supply.
When a voltage is applied to the HV pin, VCC is
charged by an internal current source from HV.
Once VCC exceeds the HV current source turn-
off voltage (VCC-IOFF, typically 14.5V), the current
source stops charging.
To eliminate voltage drop influence on the
external resistor, brown-in/brownout protection
is enabled after the HV current source turns off.
If the HV voltage exceeds VHV-ON (typically
107V), a brown-in condition has occurred. The
primary IC turns on the HV current source to
charge VCC back to VCC-IOFF (to guarantee a
maximized start-up window) and operates in
normal start-up mode. Otherwise, it is treated as
a brownout condition. The primary IC’s operation
remains disabled. Meanwhile, VCC is charged
and discharged between VCC-IOFF and VCC-MIN.
Once VCC exceeds VCC-IOFF, the primary IC
begins monitoring the status of the secondary IC
before the primary IC runs into normal start-up
mode. There are three conditions for primary IC
start-up, described below.
1.
If the primary IC starts up normally when a
brown-in condition is detected, and the
primary IC does not detect any status from
the secondary IC, the primary IC starts
switching on its own. Once the secondary IC
is active, the primary IC stops switching
independently, and the secondary IC takes
control.
There is a time
limit on the primary IC’s start-
up period. Independent primary switching
stops when the timer (tOCP) runs out. This
means that if there is a fault condition (e.g.
an overload), the secondary IC may not start
up successfully. tOCP starts counting from soft
start.
Then
the
primary
over-current
protection (POCP) flag is set, and the
primary IC runs in a protection operation.
2. If the secondary IC is active before primary-
side switching begins, the primary IC does
not require independent switching. The
secondary IC takes control immediately after
the brown-in condition is detected.
3. If the protection status is detected before
start-up, the IC indicates a fault condition,
such as an overload on the secondary side.
In this scenario, the primary IC does not
switch at all, but sets the protection flag and
runs in a protection operation.
Figure 2 shows the start-up logic for the primary
IC.
VCC-IOFF
HVON
VCC-AUT
VCC
HVCS
PDRV
VIN
Start-Up
Secondary
Side
(1)
(3)
(2)
HVOFF
Brownout
Active
Fault
Active
Figure 2: Start-Up Logic for the Primary IC
Brownout Protection during Normal
Operation
To prevent power supply issues caused by an
insufficient
input
voltage,
the
primary
IC
implements brownout protection. If the HV
voltage is below VHV-OFF (typically 98V, which is
the internal B/O threshold), the brownout timer
starts running. If the HV voltage exceeds VHV-OFF,
the timer is reset. If the brownout timer reaches
tBO, the primary IC triggers brownout protection,
and VCC initiates hiccup operation while it is
between VCC-MIN (typically 8.3V) and VCC-IOFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com