Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems MPX2003 Datasheet HTML 26Page - Monolithic Power Systems MPX2003 Datasheet HTML 27Page - Monolithic Power Systems MPX2003 Datasheet HTML 28Page - Monolithic Power Systems MPX2003 Datasheet HTML 29Page - Monolithic Power Systems MPX2003 Datasheet HTML 30Page - Monolithic Power Systems MPX2003 Datasheet HTML 31Page - Monolithic Power Systems MPX2003 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
28
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
A small capacitor is connected to the CS pin and
RHVCS to form a low-pass filter for noise filtering
when the MOSFET turns on and off (see Figure
17 on page 28).
PDRV
CS
MPX2003
RHVCS
CCS
RSENSE
Low-Pass Filter
Figure 17: Low-Pass Filter on CS
The low-
pass filter’s R x C constant should not
exceed 1/3 of the leading-edge blanking period
for SCP (tLEB-S, typically 250ns). Otherwise, the
filtered sensed voltage cannot reach the SCP
point to trigger SCP if an output short circuit
occurs.
Ramp Compensation
When
adopting
peak
current
control,
subharmonic oscillations occur when the duty
cycle exceeds 50% (D > 0.5) in CCM. The
MPX2003 provides internal ramp compensation
to solve this issue. Use the coefficient α to
determine whether the ramp compensation is
appropriate. α can be calculated with Equation
(15):
MAX
IN(MIN)
SENSE
RAMP
MAX
M
IN(MIN)
SENSE
RAMP
M
DV
R
- S
(1- D
) L
=
V
R
+ S
L
(15)
Where SRAMP is the minimum internal slope value
of the compensation ramp. For stable operation,
α must be less than 1. The primary-side slew rate
can be estimated with Equation (16):
IN(MIN)
SENSE
M
V
R
L
(16)
The equivalent secondary-side voltage sensed
by the CS resistor can be calculated with
Equation (17):
MAX
IN(MIN)
SENSE
MAX
M
DV
R
(1 D
) L
−
(17)
External Protection through the PEP Pin
The PEP pin can be used to implement an over-
temperature
protection
(OTP)
function
for
external
power
devices
(e.g.
the
primary
MOSFET) by connecting a negative temperature
coefficient (NTC) resistor to this pin (see the
Primary External Protection (PEP) section on
page 22). Figure 18 shows OTP through the PEP
pin.
0.5V
PEP
1V
Figure 18: OTP through PEP
The sourcing current for PEP is IPEP. At working
temperatures, the NTC resistor should satisfy a
particular relationship, estimated with Equation
(18):
PEP
PEP
PEP-T
I
R
V

(18)
When the temperature increases, the NTC
resistance decreases. Figure 19 shows the
typical
waveform
for
NTC
resistance
vs.
temperature.
10
2
10
1
10
-1
10
-2
1
-20
0
20
40
60
80
100 120
Temperature(°C)
B=3450
B=3900
B=4100
Figure 19: NTC Resistance vs. Temperature
IPEP can also meet the condition at the protected
temperature value, calculated with Equation (19):
PEP
PEP
PEP T
I
R
V

(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com