Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 18Page - Monolithic Power Systems MPX2003 Datasheet HTML 19Page - Monolithic Power Systems MPX2003 Datasheet HTML 20Page - Monolithic Power Systems MPX2003 Datasheet HTML 21Page - Monolithic Power Systems MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems MPX2003 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
22
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
CS Open Protection (SOP)
During the soft-start period, there is an internal
leakage current (typically 0.5µA) flowing into the
CS pin to guarantee that the CS voltage always
exceeds VSCP when it is open. The MPX2003
implements CS open protection (SOP) to protect
the circuitry from being further damaged.
Over-Voltage Protection (OVP)
If VCC exceeds VCC-OVP (typically 26V), the
primary IC stops switching after a validation time
(tVCC-OVP). Over-voltage protection (OVP) triggers
auto-restart mode. The primary IC initiates OVP
to prevent components from breaking down due
to overstress.
Brownout Protection (BOP)
For more information about brownout protection
(BOP), see the Start-Up with Brown-In/Brownout
Detection section on page 19 and the Brownout
Protection during Normal Operation section on
page 19. BOP triggers auto-restart mode.
Primary Over-Temperature Protection
(POTP)
To prevent thermal damage on the chip, primary
over-temperature protection (POTP) shuts down
switching immediately if the junction temperature
exceeds TOTP-P (typically 150°C). The protection
flag is latched until the junction temperature
drops by T∆-P (typically 40°C).
Primary Over-Current Protection (POCP)
For more information about primary over-current
protection (POCP), see the Start-Up with Brown-
In/Brownout Detection section on page 19. If the
primary IC does not receive a start-up signal
from the secondary IC for tOCP (typically 55ms),
POCP is triggered and initiates auto-restart
mode.
Primary External Protection (PEP)
PEP is a general-purpose protection pin. When
the IC starts to operate, it begins to monitor the
voltage on PEP every 100μs to 200μs. There is
an internal current flowing out of PEP with a fixed
value of IPEP (typically 110µA). A resistor or a
bipolar
junction
transistor
(BJT)
can
be
connected to PEP to set the target voltage. If the
PEP voltage is below the protection trigger
threshold
(VPEP-T,
typically
0.5V)
and
the
condition lasts longer than the trigger delay time
(tPEP-T, typically 300µs), the PEP flag is set to
high. The PEP flag does not reset until VCC drops
below VCC-AUT.
PEP detection acts as a switch mode. The
current
source
is
only
on
for
several
microseconds for every 100μs to 200μs, which
can save power loss during steady state.
Typically, PEP can be used to implement an
OTP function for external power devices (e.g. the
primary MOSFET) by connecting PEP to a
negative temperature coefficient (NTC) resistor
(see Figure 7). PEP can also configure the OVP
threshold.
0.5V
PEP
Timer
Ext.P
Figure 7: Primary External Protection
Response to the Secondary Protections
For more information about responses to
secondary protections, see the Start-Up with
Brown-In/Brownout Detection section on page
19.
SECONDARY IC FUNCTIONS
Secondary IC Power Supply Management
VDD is the general-purpose power supply for the
secondary IC. The VDD voltage (VDD) can be
supplied by itself or the output voltage (VOUT).
Figure 8 shows the circuit when VDD is supplied
by VOUT.
VDD
VOUT
SGND
SDRV
SRD
+
MPX2003
Figure 8: VDD Supply from the Output
When the voltage supplied from VOUT is below
VDD-C, the current supply to VDD comes from SRD
to allow the MPX2003 to support low-output
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com