Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 19Page - Monolithic Power Systems MPX2003 Datasheet HTML 20Page - Monolithic Power Systems MPX2003 Datasheet HTML 21Page - Monolithic Power Systems MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems MPX2003 Datasheet HTML 26Page - Monolithic Power Systems MPX2003 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
23
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
VDD
VOUT
SGND
SDRV
SRD
+
MPX2003
Figure 9: VDD Supply from Both the Output and
SRD
By allowing VDD to be powered by VOUT and SRD,
the SR driver has an expedited start-up, which
limits the voltage spike caused by the body
diode’s reverse recovery. Otherwise, the current
supply for VDD comes from VOUT for optimized
efficiency.
Synchronous Rectification Turn On
After the primary-side MOSFET turns off, the
inductor current is transferred from the primary
side to the secondary side, which makes the SR
MOSFET’s drain voltage drop. When the voltage
on the SRD pin crosses the turn-on threshold
(VSR-ON), the secondary IC starts to set the SR
driver, and the SR MOSFET turns on after the
turn-on delay (tSR-OND).
When the SR MOSFET is on, there is a minimum
on time (tON-MIN) that prevents the MOSFET from
being
falsely
turned
off
due
to
parasitic
oscillation. During the minimum on time, the turn-
off action is not completely blanked, and the turn-
off threshold rises to VSR-OFFM. This ensures that
the SR MOSFET can always be turned off under
severe situations, even during the minimum on
time.
Synchronous Rectification Conduction
During the SR conduction period, the gate
voltage is regulated based on the forward
voltage drop across the MOSFET (VSRD). When
VSRD is below the internal reference voltage, the
gate driver fully turns on to reach the minimum
turn-on resistance. VSRD rises as the current
decreases. When VSRD exceeds the reference
voltage, the gate voltage is pulled down to
increase
the
turn-on
resistance,
and
the
regulation voltage quickly switches to -VFWD. This
means that the rising of VSRD is regulated to a
certain level, which effectively prevents a
premature turn-off while maximizing the SR
conduction period.
Synchronous Rectification Turn Off
As the inductor current reaches zero during
discontinuous conduction mode (DCM), VSRD
rises to zero. Once VSRD exceeds VSR-OFF, the
gate immediately pulls down to turn off the SR
MOSFET (see Figure 10).
-VFWD
VTH
VSRD
VSDRV
Turn-On
Delay
Turn-Off
Delay
Minimum
On Time
Driver begins to
pull down
Driver
turns off
Sync
Signal
VSR-ON
VSR-OFF
Figure 10: SR Operation during DCM
During continuous conduction mode (CCM), the
secondary IC generates a signal based on a
dead time to determine when the SR MOSFET
turns off and the primary MOSFET turns on. This
feature reduces the chances of shoot-through
(see Figure 11).
-VFWD
VTH
VSRD
VSDRV
Turn-On
Delay
Turn-Off
Delay
Minimum
On Time
Driver
turns off
Sync
Signal
Dead Time
VSR-ON
Figure 11: SR Operation during CCM
In burst mode, the SR gate block turns off to
reduce power loss. When the IC exits burst
mode, the SR gate block turns on after one
switching operation.
Output Voltage (VOUT) Regulation
The internal error amplifier regulates VOUT. VOUT
is fed back through the FB pin and external
dividing resistors, and is then compared to the
internal precise reference voltage (VREF). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com