Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 26Page - Monolithic Power Systems MPX2003 Datasheet HTML 27Page - Monolithic Power Systems MPX2003 Datasheet HTML 28Page - Monolithic Power Systems MPX2003 Datasheet HTML 29Page - Monolithic Power Systems MPX2003 Datasheet HTML 30Page - Monolithic Power Systems MPX2003 Datasheet HTML 31Page - Monolithic Power Systems MPX2003 Datasheet HTML 32Page - Monolithic Power Systems MPX2003 Datasheet HTML 33Page - Monolithic Power Systems MPX2003 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
30
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ID
IPEAK
VG
SR Conduction Period
50% SR Conduction Period
IC
Figure 22: SR Waveforms in QR Mode
To effectively utilize the MOSFET’s RDS(ON), the
MOSFET should be completely turned on for at
least 50% of the SR conduction period. VDS can
be estimated with Equation (23):
DS
C
ON
OUT
ON
FWD
V
-I
R
-2 I
R
-V
=
=
(23)
Where VFWD is the forward voltage threshold.
The MOSFET’s RDS(ON) should not be lower than
12 / IOUT (in mΩ). For example, for a 5A
application, RDS(ON) should not be below 2.4mΩ.
Design Example
Table 1 shows a design example when using the
MPX2003 for a 65W PD charger application.
Table 1: Design Specifications
Parameter
Symbol
Value
Input
specifications
VIN
90VAC to 265VAC,
47Hz to 63Hz
Output
specifications
VOUT /
IOUT
5VDC / 0A to 3A,
9VDC / 0A to 3A,
12VDC / 0A to 3A,
15VDC / 0A to 3A,
20VDC / 0A to 3.25A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com