Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 20Page - Monolithic Power Systems MPX2003 Datasheet HTML 21Page - Monolithic Power Systems MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems MPX2003 Datasheet HTML 26Page - Monolithic Power Systems MPX2003 Datasheet HTML 27Page - Monolithic Power Systems MPX2003 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
24
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
compensation voltage is generated by the
transconductance amplifier. In this situation, the
external compensation network can be designed
by the COMP pin to adjust the regulation
performance.
Due to the error amplifier behavior, the COMP
voltage can indicate the output load condition,
such as when the COMP voltage rises as the
load increases.
The COMP voltage is sent to the pulse-
frequency modulation (PFM) block to modulate
the switching frequency (fSW). A lower COMP
voltage results in a lower fSW, and there are also
upper and lower limitations on the frequency
modulation. When the COMP voltage exceeds
VFS-MAX, fSW is clamped at the maximum
frequency (fPFM-MAX). When the COMP voltage is
below VBURST, the switching pulse stops until the
COMP voltage exceeds VBURST + VBURST-HYS.
fPFM-MIN is the minimum fSW corresponding to
VBURST. The first switching pulse is sent without
any delay once it exits burst mode. This closed-
loop regulation controls VOUT.
Cable Drop Compensation
The voltage drop on the cable is proportional to
the output current, which is reflected on the
voltage of the IS pin (see Figure 12). The
maximum CDC voltage on FB is VCDC_MAX. The
cable
drop
compensation
voltage
can
be
calculated with Equation (20) on page 29.
EA
FB
IS
K
VREF
Figure 12: Cable Drop Compensation
Quasi-Resonant (QR) Mode Switching
The secondary-side IC achieves quasi-resonant
(QR) mode by comparing the SRD voltage and
VDD when the converter runs in DCM. The
primary side switching is always on when the
primary side switch is near its minimum voltage.
This reduces power loss and minimizes EMI
noise.
The primary IC has a variable current limit when
fSW is below fSW-H, which means that switching is
irregular when the IC operates in QR mode. To
prevent the IC from entering this mode, the QR
is disabled when fSW is below fSW-H. At this point,
the primary side’s on signal does not wait for the
QR detection period.
The IC can immediately exit QR mode when
certain operations are detected. For example, it
exits QR mode under the following conditions:
• If CCM is required (the load becomes heavy)
• More than 6 oscillation valleys are detected
• The oscillation period during DCM lasts
longer than 20μs
• SRD has not reached VDD within 2.5μs after
the SR gate turns off
Secondary-Side Protections
Secondary Under-Voltage Lockout (SUVLO)
The secondary IC does not begin operating until
VDD rises above VDD-ON (typically 4.5V). If VDD
falls
below
VDD-OFF
(typically
4.25V),
the
secondary IC shuts down, and all internal signals
are reset. To avoid voltage spike influences
(mainly caused by the capacitor’s ESR), any
valid UVLO detection typically requires a 10μs
delay time.
Secondary Overload Protection (SOLP)
The IS pin senses the output current with
external sensing resistors. When the IS voltage
(VIS) exceeds the overload protection threshold
(VIS-OLP) and lasts longer than the overload
protection delay time (tOLP), the secondary
overload protection (SOLP) flag is set to high
and switching stops. The SOLP flag is reset
when the secondary IC or primary IC trigger
UVLO.
If the IS pin is shorted to SGND, the SOLP
function is still available, though the COMP
signal is less accurate. SOLP is implemented
based on the COMP signal. If the COMP voltage
exceeds VFS-MAX (higher than the threshold
where the switching frequency is set at the
maximum limit), the OLP timer begins counting.
SOLP is triggered after the timer runs out.
Once SOLP is triggered, COMP is internally
shorted to SGND, and it is not released until
SOLP is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com