Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 17Page - Monolithic Power Systems MPX2003 Datasheet HTML 18Page - Monolithic Power Systems MPX2003 Datasheet HTML 19Page - Monolithic Power Systems MPX2003 Datasheet HTML 20Page - Monolithic Power Systems MPX2003 Datasheet HTML 21Page - Monolithic Power Systems MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
21
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
CS signal. The offset is created by an internal
sourcing current on CS that flows across an
external resistor (RHVCS). The current source is
proportional to the HV voltage (see Figure 5).
The compensation level can be externally
adjusted by RHVCS.
CS
LEB
Ref
HV
RHVCS
IHVCS
Figure 5: Implementation of the Line
Compensation Function
The compensation current is at its maximum
value (corresponding to the HV voltage) only
when the peak current reference is at its
maximum limit. The compensation current is
removed gradually when fSW drops below fSW-H.
Compensation is removed once the peak current
reference drops below VLC-END. (see Figure 6).
fSW
IHVCS
HV
fSW-H
Figure 6: Current on the CS Pin for Line
Compensation
Driver
The driver capability is specified in the PDRV
section of the Electrical Characteristics section
on page 6. The voltage is clamped internally at
VCLAMP (typically 14.5V) to guarantee that the
external MOSFET operates safely.
Under-Voltage Lockout (UVLO)
If VCC drops below VCC-MIN (typically 8.3V), under-
voltage lockout (UVLO) stops primary switching
immediately. VCC is recharged by the current
source from HV.
Primary-Side Protections
The primary IC provides full protection features
and responds to faults on the secondary side.
If
a
protection
is
triggered,
switching
is
terminated immediately, and VCC drops. If VCC
drops to VCC-AUT, the related protection flag is
reset, and the HV current source is enabled to
charge the VCC capacitor. Then the primary IC
initiates normal start-up logic and operation.
Short-Circuit Protection (SCP)
If the CS voltage exceeds VSCP, the IC triggers
short-circuit protection (SCP), which means that
the peak current is not effectively regulated by its
limit due to a fault condition, such as winding
short circuit or output short circuit. During SCP,
auto-restart protection mode is triggered. A
reduced LEB time (tLEB-S, typically 250ns) is also
adopted by the SCP comparator to prevent a
false trigger by the turn-on spike.
For the MPX2003, the behavior during SCP is
designed as a surge-proof approach. If SCP is
triggered for the first time, the IC does not shut
down completely. Instead, primary switching is
blanked for tSCP2, during which the primary IC
does not respond to the secondary IC unless
there is a protection signal.
After the blanking time passes, the primary IC
resumes switching. If SCP is triggered for a
second time within 8 switching cycles, the
primary IC stops switching and initiates auto-
restart recovery. If the short-circuit condition is
removed after the first SCP event, the primary IC
resets the SCP counter and resumes normal
operation.
CS Short Protection (SSP)
If the CS voltage does not exceed VCSS (typically
50mV) within tSSP (typically 4.5µs) after the
primary MOSFET turns on, the primary IC
initiates CS short protection (SSP) to prevent the
primary current from overstress due to a CS
short.
SSP detection is only executed during the first
few switching cycles to prevent the CS pin or CS
resistor from being directly shorted to GND due
to improper soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com