Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS1625IPAPR Datasheet HTML 25Page - Texas Instruments ADS1625IPAPR Datasheet HTML 26Page - Texas Instruments ADS1625IPAPR Datasheet HTML 27Page - Texas Instruments ADS1625IPAPR Datasheet HTML 28Page - Texas Instruments ADS1625IPAPR Datasheet HTML 29Page - Texas Instruments ADS1625IPAPR Datasheet HTML 30Page - Texas Instruments ADS1625IPAPR Datasheet HTML 31Page - Texas Instruments ADS1625IPAPR Datasheet HTML 32Page - Texas Instruments ADS1625IPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
29
INTERFACING THE ADS1625 TO THE
TMS320VC5510
Figure 30 illustrates how to connect the ADS1625 to the
TMS320VC5510 DSP. The DSP controls reading using
output ARE. The ADS1625 is selected using the DSP
control output CE2. The ADS1625 18-bit data output bus
is directly connected to the TMS320VC5510 data bus. The
data ready output from the ADS1625, DRDY, drives the
INT3 interrupt line on the TMS320VC5510.
DOUT[17:0]
ADS1625
DRDY
CS
18
RD
D[17:0]
TMS320VC5510
INT3
CE2
ARE
Figure 30. ADS1625—TMS320VC5510 Interface
Connection
INTERFACING THE ADS1626 TO THE
TMS320VC5510
Figure 31 illustrates how to directly connect the ADS1626
to the TMS320VC5510 Digital Signal Processor. The
processor controls reading the ADC using the ARE output.
The ADS1626 is permanently selected by grounding the
CS pin. If there are any additional devices connected to the
TMS320VC5510 I/O space, address decode logic will be
required between the ADC and the DSP to prevent data
bus contention and ensure that only one device at a time
is selected. The ADS1626 18-bit data output bus is directly
connected to the TMS320VC5510. The data ready output
from the ADS1626, DRDY, drives interrupt INT3 on the
TMS320VC5510.
DOUT[17:0]
ADS1626
DRDY
CS
18
RD
D[17:0]
TMS320VC5510
INT3
ARE
Figure 31. ADS1626—TMS320VC5510 Interface
Connection
Code Composer Studio, available from TI, provides
support for interfacing TI DSPs through a collection of data
converter plugins. Check the TI web site, located at
www.ti.com/sc/dcplug-in, for the latest information on
ADS1625/6 support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com