Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1625IPAPR Datasheet HTML 1Page - Texas Instruments ADS1625IPAPR Datasheet HTML 2Page - Texas Instruments ADS1625IPAPR Datasheet HTML 3Page - Texas Instruments ADS1625IPAPR Datasheet HTML 4Page - Texas Instruments ADS1625IPAPR Datasheet HTML 5Page - Texas Instruments ADS1625IPAPR Datasheet HTML 6Page - Texas Instruments ADS1625IPAPR Datasheet HTML 7Page - Texas Instruments ADS1625IPAPR Datasheet HTML 8Page - Texas Instruments ADS1625IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
All specifications at −40
°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = 2.0V, FIFO disabled, and
RBIAS = 37kΩ, unless otherwise noted.
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
fIN = 10kHz, −2dBFS
104
dB
fIN = 10kHz, −6dBFS
106
dB
fIN = 10kHz, −20dBFS
99
dB
fIN = 100kHz, −2dBFS
97
dB
Spurious-free dynamic range (SFDR)
fIN = 100kHz, −6dBFS
103
dB
Spurious-free dynamic range (SFDR)
fIN = 100kHz, −20dBFS
92
102
dB
fIN = 500kHz, −2dBFS
120
dB
fIN = 500kHz, −6dBFS
113
dB
fIN = 500kHz, −20dBFS
99
dB
Intermodulation distortion (IMD)
f1 = 495kHz, −2dBFS
f = 505kHz, −2dBFS
−98
dB
Intermodulation distortion (IMD)
f1 = 495kHz, −2dBFS
f2 = 505kHz, −2dBFS
−98
dB
Aperture delay
4
ns
Digital Filter Characteristics
Passband
0
550
f
CLK
40MHz
kHz
Passband ripple
± 0.0025
dB
Passband transition
−0.1dB attenuation
575
f
CLK
40MHz
kHz
Passband transition
−3.0dB attenuation
615
f
CLK
40MHz
kHz
Stop band
0.7
f
CLK
40MHz
39.3
f
CLK
40MHz
MHz
Stop band attenuation
72
dB
Group delay
20.8
40MHz
f
CLK
µs
Settling time
To
±0.001%
36.8
40MHz
f
CLK
µs
Static Specifications
Resolution
18
Bits
No missing codes
18
Bits
Input referred noise
1.5
LSB, rms
Integral nonlinearity
−2.0dBFS signal
3.5
LSB
Differential nonlinearity
±0.5
LSB
Offset error
0.05
%FSR
Offset error drift
1
ppmFSR/
°C
Gain error
0.25
%
Gain error drift
Excluding reference drift
10
ppm/
°C
Common-mode rejection
at DC
75
dB
Power-supply rejection
at DC
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com