Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1625IPAPR Datasheet HTML 10Page - Texas Instruments ADS1625IPAPR Datasheet HTML 11Page - Texas Instruments ADS1625IPAPR Datasheet HTML 12Page - Texas Instruments ADS1625IPAPR Datasheet HTML 13Page - Texas Instruments ADS1625IPAPR Datasheet HTML 14Page - Texas Instruments ADS1625IPAPR Datasheet HTML 15Page - Texas Instruments ADS1625IPAPR Datasheet HTML 16Page - Texas Instruments ADS1625IPAPR Datasheet HTML 17Page - Texas Instruments ADS1625IPAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
14
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = 2.0V, and RBIAS = 37kΩ,
unless otherwise noted.
SIGNAL−TO−NOISE RATIO
vs INPUT COMMON−MODE VOLTAGE
1.5
1.9
1.7
2.1
2.3
2.9
2.5
2.7
Input Common−Mode Voltage, V
CM (V)
95
94
93
92
91
90
89
88
87
86
85
V
IN = − 6dBFS
f
IN =100kHz
V
IN = − 2dBFS
TOTAL HARMONIC DISTORTION
vs INPUT COMMON−MODE VOLTAGE
1.5
1.9
1.7
2.1
2.3
2.9
2.5
2.7
Input Common−Mode Voltage, V
CM (V)
−80
−85
−90
−95
−100
−105
−110
V
IN = − 6dBFS
f
IN =100kHz
V
IN = − 2dBFS
SPURIOUS−FREE DYNAMIC RANGE
vs INPUT COMMON−MODE VOLTAGE
1.5
1.9
1.7
2.1
2.3
2.9
2.5
2.7
Input Common−Mode Voltage, V
CM (V)
110
105
100
95
90
85
80
75
70
65
V
IN = −6dBFS
V
IN = − 2dBFS
f
IN =100kHz
SIGNAL−TO−NOISE RATIO
vs CLK FREQUENCY
10
30
35
20
15
25
40
45
50
55
60
92
90
88
83
84
82
80
CLK Frequency, f
CLK (MHz)
f
IN = 100kHz, −6dBFS
R
BIAS =30kΩ
R
BIAS =37kΩ
R
BIAS =45kΩ
R
BIAS =50kΩ
R
BIAS =60kΩ
TOTAL HARMONIC DISTORTION
vs CLK FREQUENCY
10
30
35
20
15
25
40
45
50
55
60
−75
−80
−85
−90
−95
−100
−105
CLK Frequency, f
CLK (MHz)
f
IN = 100kHz, −6dBFS
R
BIAS =30kΩ
R
BIAS =37kΩ
R
BIAS =45kΩ
R
BIAS =50kΩ
R
BIAS = 60kΩ
SPURIOUS−FREE DYNAMIC RANGE
vs CLK FREQUENCY
10
30
35
20
15
25
40
45
50
55
60
110
105
100
95
90
85
80
75
CLK Frequency, f
CLK (MHz)
f
IN = 100kHz, −6dBFS
R
BIAS =30kΩ
R
BIAS =37kΩ
R
BIAS = 45kΩ
R
BIAS =50kΩ
R
BIAS =60kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com