Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 2 Page - Texas Instruments

  ADS1625IPAPR Datasheet HTML 1Page - Texas Instruments ADS1625IPAPR Datasheet HTML 2Page - Texas Instruments ADS1625IPAPR Datasheet HTML 3Page - Texas Instruments ADS1625IPAPR Datasheet HTML 4Page - Texas Instruments ADS1625IPAPR Datasheet HTML 5Page - Texas Instruments ADS1625IPAPR Datasheet HTML 6Page - Texas Instruments ADS1625IPAPR Datasheet HTML 7Page - Texas Instruments ADS1625IPAPR Datasheet HTML 8Page - Texas Instruments ADS1625IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS1625
HTQFP−64
PAP
−40
°C to +85°C
ADS1625I
ADS1625IPAPT
Tape and Reel, 250
ADS1625
HTQFP−64
PAP
−40
°C to +85°C
ADS1625I
ADS1625IPAPR
Tape and Reel, 1000
ADS1626
HTQFP−64
PAP
−40
°C to +85°C
ADS1626I
ADS1626IPAPT
Tape and Reel, 250
ADS1626
HTQFP−64
PAP
−40
°C to +85°C
ADS1626I
ADS1626IPAPR
Tape and Reel, 1000
(1) For the most current specifications and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS1625/26
UNIT
AVDD to AGND
−0.3 to +6
V
DVDD to DGND
−0.3 to +3.6
V
IOVDD to DGND
−0.3 to +6
V
AGND to DGND
−0.3 to +0.3
V
Input Current
100, Momentary
mA
Input Current
10, Continuous
mA
Analog I/O to AGND
−0.3 to AVDD + 0.3
V
Digital I/O to DGND
−0.3 to IOVDD + 0.3
V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−40 to +105
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature (soldering, 10s)
+260
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
PRODUCT FAMILY
PRODUCT
RESOLUTION
DATA RATE
FIFO?
ADS1605
16 Bits
5.0MSPS
No
ADS1606
16 Bits
5.0MSPS
Yes
ADS1625
18 Bits
1.25MSPS
No
ADS1626
18 Bits
1.25MSPS
Yes
This integrated circuit can be damaged by ESD.
Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures can
cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com