Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1625IPAPR Datasheet HTML 6Page - Texas Instruments ADS1625IPAPR Datasheet HTML 7Page - Texas Instruments ADS1625IPAPR Datasheet HTML 8Page - Texas Instruments ADS1625IPAPR Datasheet HTML 9Page - Texas Instruments ADS1625IPAPR Datasheet HTML 10Page - Texas Instruments ADS1625IPAPR Datasheet HTML 11Page - Texas Instruments ADS1625IPAPR Datasheet HTML 12Page - Texas Instruments ADS1625IPAPR Datasheet HTML 13Page - Texas Instruments ADS1625IPAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
10
CLK
DRDY
DOUT[17:0]
D1
D2
DL(2)
t
2
t
2
t
16
t
17
t
21
t
15
t
20
t
18
t
19
t
1
t
13
t
14
CS(1)
RD
(1) CS may be tied low.
(2) The number of data readings (DL) is set by the FIFO level.
Figure 4. Data Retrieval Timing (ADS1626 with FIFO Enabled)
RD, CS
DOUT[17:0]
t
8
t
7
Figure 5. DOUT Inactive/Active Timing (ADS1626 with FIFO Enabled)
TIMING REQUIREMENTS FOR FIGURE 4 AND FIGURE 5
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
CLK period (1/fCLK)
20
25
1000
ns
t2
CLK pulse width, high or low
10
ns
t7
Rising edge of RD and/or CS inactive (high) to DOUT high impedance
7
15
ns
t8
Falling edge of RD and/or CS active (low) to DOUT active.
7
15
ns
t13
Rising edge of CLK to DRDY high
12
ns
t14
DRDY period
32
× FIFO Level(1)
CLK
Cycles
t15
DRDY positive pulse width
1
CLK
Cycles
t16
RD high hold time after DRDY goes low
0
ns
t17
CS low before RD goes low
0
ns
t18
RD negative pulse width
10
ns
t19
RD positive pulse width
10
ns
t20
RD high before DRDY toggles
2
CLK
Cycles
t21
RD high before CS goes high
0
ns
NOTE: DOUT[17:0] and DRDY load = 10pF.
(1) See FIFO section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com