Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1625IPAPR Datasheet HTML 19Page - Texas Instruments ADS1625IPAPR Datasheet HTML 20Page - Texas Instruments ADS1625IPAPR Datasheet HTML 21Page - Texas Instruments ADS1625IPAPR Datasheet HTML 22Page - Texas Instruments ADS1625IPAPR Datasheet HTML 23Page - Texas Instruments ADS1625IPAPR Datasheet HTML 24Page - Texas Instruments ADS1625IPAPR Datasheet HTML 25Page - Texas Instruments ADS1625IPAPR Datasheet HTML 26Page - Texas Instruments ADS1625IPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
23
FREQUENCY RESPONSE
The linear phase FIR digital filter sets the overall frequency
response. Figure 19 shows the frequency response from dc
to 20MHz for fCLK = 40MHz. The frequency response of the
ADS1625/6 filter scales directly with CLK frequency. For
example, if the CLK frequency is decreased by half (to
20MHz), the values on the X-axis in Figure 19 would need to
be scaled by half, with the span becoming dc to 10MHz.
Figure 20 shows the passband ripple from dc to 550kHz
(fCLK = 40MHz). Figure 21 shows a closer view of the
passband transition by plotting the response from 500kHz
to 640kHz (fCLK = 40MHz).
The overall frequency response repeats at multiples of the
CLK frequency. To help illustrate this, Figure 22 shows the
response out to 120MHz (fCLK = 40MHz). Notice how the
passband response repeats at 40MHz, 80MHz and
120MHz; it is important to consider this when there is
high-frequency noise present with the signal. The
modulator bandwidth extends to 100MHz. High-frequency
noise around 40MHz and 80MHz will not be attenuated by
either the modulator or the digital filter. This noise will alias
back in-band and reduce the overall SNR performance
unless it is filtered out prior to the ADS1625/6. To prevent
this, place an anti-alias filter in front of the ADS1625/6 that
rolls off before 39MHz.
20
0
−20
−40
−60
−80
−100
−120
−140
04
2
6
10
14
18
8
Frequency (MHz)
12
16
20
f
CLK =40MHz
Figure 19. Frequency Response.
0.0025
0.0020
0.0015
0.0010
0.0005
0
−0.0005
−0.0010
−0.0015
−0.0020
−0.0025
0
100
200
Frequency (kHz)
300
400
500
600
f
CLK = 40MHz
Figure 20. Passband Ripple
1
0
−1
−2
−3
−4
−5
−6
500
520
560
600
620
540
Frequency (kHz)
580
640
f
CLK =40MHz
Figure 21. Passband Transition
20
0
−20
−40
−60
−80
−100
−120
−140
020
40
Frequency (MHz)
60
80
120
100
f
CL K =40MHz
Figure 22. Frequency Response Out to 120MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com