Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPR Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1625IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1625IPAPR Datasheet HTML 24Page - Texas Instruments ADS1625IPAPR Datasheet HTML 25Page - Texas Instruments ADS1625IPAPR Datasheet HTML 26Page - Texas Instruments ADS1625IPAPR Datasheet HTML 27Page - Texas Instruments ADS1625IPAPR Datasheet HTML 28Page - Texas Instruments ADS1625IPAPR Datasheet HTML 29Page - Texas Instruments ADS1625IPAPR Datasheet HTML 30Page - Texas Instruments ADS1625IPAPR Datasheet HTML 31Page - Texas Instruments ADS1625IPAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
28
LAYOUT ISSUES
The ADS1625/6 is a very high-speed, high-resolution data
converter. In order to achieve the maximum performance,
careful attention must be given to the printed circuit board
(PCB) layout. Use good high-speed techniques for all
circuitry. Critical capacitors should be placed close to pins
as possible. These include capacitors directly connected
to the analog and reference inputs and the power supplies.
Make sure to also properly bypass all circuitry driving the
inputs and references.
There are two possible approaches for the ground plane on
the PCB: a single common plane or two separate planes, one
for the analog grounds and one for the digital grounds. When
using only one common plane, isolate the flow of current on
pin 58 from pin 1; use breaks on the ground plane to
accomplish this. Pin 58 carries the switching current from the
analog clocking for the modulator and can corrupt the quiet
analog ground on pin 1. When using two planes, it is
recommended that they be tied together right at the PCB. Do
not try to connect the ground planes together after running
separately through edge connectors or cables as this
reduces performance and increases the likelihood of latchup.
In general, keep the resistances used in the driving circuits
for the inputs and reference low to prevent excess thermal
noise from degrading overall performance. Avoid having
the ADS1625/6 digital outputs drive heavy loads. Buffers
on the outputs are recommended unless the ADS1625/6
is connected directly to a DSP or controller situated
nearby. Additionally, make sure the digital inputs are
driven with clean signals as ringing on the inputs can
introduce noise.
The ADS1625/6 uses TI PowerPAD technology. The
PowerPAD is physically connected to the substrate of the
silicon inside the package and must be soldered to the
analog ground plane on the PCB using the exposed metal
pad underneath the package for proper heat dissipation.
Please refer to application report SLMA002, located at
www.ti.com, for more details on the PowerPAD package.
APPLICATIONS
INTERFACING THE ADS1625 TO THE
TMS320C6000
Figure 28 illustrates how to directly connect the ADS1625
to the TMS320C6000 DSP. The processor controls
reading using output ARE. The ADS1625 is selected using
the DSP control output, CE2. The ADS1625 18-bit data
output bus is directly connected to the TMS320C6000 data
bus. The data ready output from the ADS1625, DRDY,
drives interrupt EXT_INT7 on the TMS320C6000.
DOUT[17:0]
ADS1625
DRDY
CS
18
RD
XD[17:0]
TMS320C6000
EXT_INT7
CE2
ARE
Figure 28. ADS1625—TMS320C6000 Interface
Connection
INTERFACING THE ADS1626 TO THE
TMS320C6000
Figure 29 illustrates how to directly connect the ADS1626
to the TMS320C6000 DSP. The processor controls
reading using output ARE. The ADS1626 is permanently
selected by grounding the CS pin. The ADS1626 18-bit
data output bus is directly connected to the TMS320C6000
data bus. The data ready output from the ADS1626,
DRDY, drives interrupt EXT_INT7 on the TMS320C6000.
DOUT[17:0]
ADS1626
DRDY
CS
18
RD
XD[17:0]
TMS320C6000
EXT_INT7
ARE
Figure 29. ADS1626—TMS320C6000 Interface
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com