Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 45Page - PMC-Sierra, Inc PM5313 Datasheet HTML 46Page - PMC-Sierra, Inc PM5313 Datasheet HTML 47Page - PMC-Sierra, Inc PM5313 Datasheet HTML 48Page - PMC-Sierra, Inc PM5313 Datasheet HTML 49Page - PMC-Sierra, Inc PM5313 Datasheet HTML 50Page - PMC-Sierra, Inc PM5313 Datasheet HTML 51Page - PMC-Sierra, Inc PM5313 Datasheet HTML 52Page - PMC-Sierra, Inc PM5313 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
17
optionally inserted. A 16 or 64 byte section trace (J0) message may be inserted.
In addition, the SPECTRA-622 generates the transmit payload pointers (H1, H2),
creates and inserts the path BIP, optionally inserts a 16 or 64 byte path trace (J1)
message, optionally inserts the path status byte (G1). In addition to its basic
processing of the transmit SONET/SDH overhead, the SPECTRA-622 provides
convenient access to all overhead bytes, which are inserted serially on lower rate
interfaces, allowing additional external sourcing of overhead, if desired. The
SPECTRA-622 also supports the insertion of a large variety of errors into the
transmit stream, such as framing pattern errors and BIP errors, which are useful
for system diagnostics and tester applications.
The inserted SPE (VC) is either sourced from a Telecombus ADD stream or from
DS3 serial streams. For Telecombus applications, the SPECTRA-622 maps the
SPE from a Telecom ADD bus into the transmit stream. Frequency offsets (e.g.,
due to plesiochronous network boundaries, or the loss of a primary reference
timing source) and phase differences (due to normal network operation) between
the transmit data stream and the ADD bus are accommodated by pointer
adjustments in the transmit stream. For the DS3 application, the SPECTRA-622
maps the DS3s into an STS-12 (STM-4/AU3/AU4) SPE. Both the Telecom and
DS3 ADD buses can be active at the same time supporting a mixed use
multiplexer function on the system ADD side.
The SPECTRA-622 supports Time-Slot Interchange (TSI) on the Telecom ADD
and DROP buses. On the DROP side, the TSI views the receive stream as
twelve independent time-division multiplexed columns of data (i.e. twelve
constituent STS-1 (STM-0/AU3) or equivalent streams or time-slots or columns).
Any column can be connected to any time-slot on the DROP bus. Both column
swapping and broadcast are supported. Time-Slot Interchange is independent of
the underlying payload mapping formats. Similarly, on the ADD side, data from
the ADD bus is treated as twelve independent time-division multiplexed columns.
Assignment of data columns to transmit time-slots (STS-1 (STM-0/AU3) or
equivalent streams) is arbitrary.
The transmitter and receiver are independently configurable to allow for
asymmetric interfaces. Ring control ports are provide to pass control and status
information between mate transceivers. The SPECTRA-622 is configured,
controlled and monitored via a generic 8-bit microprocessor bus interface.
The SPECTRA-622 is implemented in low power, +3.3 Volt, CMOS technology. It
has TTL and pseudo ECL (PECL) compatible inputs and outputs and is packaged
in a 520 pin SBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com