Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5313 Datasheet HTML 1Page - PMC-Sierra, Inc PM5313 Datasheet HTML 2Page - PMC-Sierra, Inc PM5313 Datasheet HTML 3Page - PMC-Sierra, Inc PM5313 Datasheet HTML 4Page - PMC-Sierra, Inc PM5313 Datasheet HTML 5Page - PMC-Sierra, Inc PM5313 Datasheet HTML 6Page - PMC-Sierra, Inc PM5313 Datasheet HTML 7Page - PMC-Sierra, Inc PM5313 Datasheet HTML 8Page - PMC-Sierra, Inc PM5313 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
i
Issue No.
Issue Date
Details of Change
Issue 6
Sept 2000
• Remove support of in-band G1 reporting on
DROP bus
• Improve RAD Timing diagram (Fig 60)
• Pointer justification not generated in PAIS on
DROP bus
• Specify that the jitter tolerance is according to the
1995 Bellcore spec.
• Remove the K1 and K2 bytes from the RAD.
• Specify that a RESET_PATH command will also
clear the performing monitor counters of the
section/line TSBs.Update AC and DC
Characeristic sections according to its final
report..
• V1 pulse is always outputted on the DROP bus
when the RTAL FIFO is bypassed
• Add the RESET sequence to enable the TX line
interface and the OUTDATA bit in the CRSI.
• Specify TFPO timing in serial mode
• CRU and CSU will track REFCLK while in ROOL
• Describe RX and TX bypass mode limitations
• SDLE and RBYP mode can not be set at the
same time.
• Fix number of bits before a DOOL is declared
from 80 to 96.
• Bit 7 of register 0090H is now X vs 0.
• Write to the PMON counter registers will also
trigger a count transfer.
• SS bits are always 00 when the DPGM is in
autonomous mode.
• Add WANS programming section
• Update the RAD and TFPI timing diagrams.
• Update rev of CRU, GPGM and TTOC.
• Update the methodology Tools table.
Issue 5
May 2000
• Added STM1-CONCAT register bits in RPPS and
TPPS configuration.
• Extend the timing for output pins RSUC, RSOW,
ROH and TDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com