Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc PM5313 Datasheet HTML 94Page - PMC-Sierra, Inc PM5313 Datasheet HTML 95Page - PMC-Sierra, Inc PM5313 Datasheet HTML 96Page - PMC-Sierra, Inc PM5313 Datasheet HTML 97Page - PMC-Sierra, Inc PM5313 Datasheet HTML 98Page - PMC-Sierra, Inc PM5313 Datasheet HTML 99Page - PMC-Sierra, Inc PM5313 Datasheet HTML 100Page - PMC-Sierra, Inc PM5313 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
65
Pin Name
Pin
Type
PIN
No.
Function
TPOHRDY
Output
B14
The transmit path overhead insert ready signal
(TPOHRDY) indicates whether the SPECTRA-622
is ready to accept the byte currently on TPOH.
TPOHRDY is set high during the most significant
bit of a TPOH byte to indicate readiness to accept
the byte on the TPOH input. This byte will be
accepted if TPOHEN is also set high. If TPOHEN is
set low, the byte is invalid and is ignored.
TPOHRDY is set low to indicate that the
SPECTRA-622 is unable to accept the byte on
TPOH, and expects the byte to be re-presented at
the next opportunity.
Accepted bytes sampled on the TPOH input are
inserted or masked into the corresponding path
overhead byte positions (for the J1, B3, C2, G1,
F2, H4, Z3, Z4, and Z5 bytes).
TPOHRDY is updated on the rising edge of the
TPOHCLK.
TAD
Input
E25
The transmit alarm port data signal (TAD) contains
the path REI count and the path RDI status of the
twelve receive STS-1 (STM-0/AU3) streams or four
STS-3/3c (STM-1/AU3/AU4) streams or the single
STS-12c (STM-4-4c) stream. In addition, the TAD
input can contain the K1 and K2 bytes. TTOHEN
takes precedence over TAD.
TAD is sampled on the rising edge of TACK.
TAFP
Input
C26
The transmit alarm port frame pulse signal (TAFP)
marks the first bit of the transmit alarm message in
each SONET/SDH frame. TAFP is pulsed high to
mark the first path REI bit location of the first
STS-1 (STM-0/AU3) stream or the first path REI bit
location of the first STS-3c (STM-1/AU4) stream or
the first path REI bit location of the single STS-12c
(STM-4-4c) stream.
TAFP is sampled on the rising edge of TACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com