Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 85Page - PMC-Sierra, Inc PM5313 Datasheet HTML 86Page - PMC-Sierra, Inc PM5313 Datasheet HTML 87Page - PMC-Sierra, Inc PM5313 Datasheet HTML 88Page - PMC-Sierra, Inc PM5313 Datasheet HTML 89Page - PMC-Sierra, Inc PM5313 Datasheet HTML 90Page - PMC-Sierra, Inc PM5313 Datasheet HTML 91Page - PMC-Sierra, Inc PM5313 Datasheet HTML 92Page - PMC-Sierra, Inc PM5313 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
57
Pin Name
Type
Pin
No.
Function
TTOHREI
Input
A23
The transmit transport overhead REI (TTOHREI)
serial input signal contains the REI count to be
transmitted into the M1 byte. TTOHREI is sampled
on the rising edge of TTOHCLK and increments an
8 bit counter for each TTOHREI sampled high. On
the TTOHCLK rising edge identified by TTOHFP,
the counter’s value is transferred into a holding
register and the counter reset to zero or one if the
TTOHREI is sampled high during the cycle. This
ensures that all TTOHREI pulses will be counted.
The transferred count value is inserted into M1
byte.
This input can be used when multiple SPECTRA-
622’s are configured to process a demultiplexed
STS-48(STM16) stream.
TTOHREI is sampled on the rising edge of
TTOHCLK. The TTOH and TTOHEN inputs take
precedence over TTOHREI.
10.7 Receive Path Status and Overhead Signal
Pin Name
Pin
Type
PIN
No.
Function
RPOHCLK
Output
E15
The receive path overhead clock (RPOHCLK)
provides timing to process the B3E signal, the
receive alarm port (RAD) and to sample the
extracted path overhead for the twelve STS-1
(STM-0/AU3) streams or the four STS-3/3c (STM-
1/AU3/AU4) streams or the single STS-12c (STM-
4-4c) stream. RPOHCLK is a nominally 12.96
MHz, 50% duty cycle clock.
B3E, RALM, RPOH and RPOHFP are updated on
the falling edge of the RPOHCLK signal.
RAD is updated on the falling edge of RPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com