Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 67Page - PMC-Sierra, Inc PM5313 Datasheet HTML 68Page - PMC-Sierra, Inc PM5313 Datasheet HTML 69Page - PMC-Sierra, Inc PM5313 Datasheet HTML 70Page - PMC-Sierra, Inc PM5313 Datasheet HTML 71Page - PMC-Sierra, Inc PM5313 Datasheet HTML 72Page - PMC-Sierra, Inc PM5313 Datasheet HTML 73Page - PMC-Sierra, Inc PM5313 Datasheet HTML 74Page - PMC-Sierra, Inc PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
39
Pin Name
Type
Pin
No.
Function
RLAIS/
Input
E17
The receive line AIS insertion (RLAIS) signal
controls the insertion of line AIS in the receive
outgoing stream, when the ring control port is
disabled. When RLAIS is set high, line AIS is
inserted in the receive outgoing stream. When
RLAIS is set low, line AIS may be optionally
inserted automatically upon detection of loss of
signal, loss of frame, section trace alarms or line
AIS in the incoming stream.
RLAIS is sampled on the rising edge of RCLK.
The SPECTRA-622 Receive LAIS Control register
contains the register bits that control the alarms that
are inserted using the RLAIS pin.
TRCPCLK
The transmit ring control port clock (TRCPCLK)
signal provides timing for the transmit ring control
port when the ring control port is enabled.
TRCPCLK is nominally a 3.24 MHz, 50% duty cycle
clock and can be connected directly to the
RRCPCLK output of a mate SPECTRA-622 in ring-
based add-drop multiplexer applications.
TRCPFP and TRCPDAT are sampled on the rising
edge of TRCPCLK.
The enabling and disabling of the ring control port is
controlled by the RCPEN bit in the SPECTRA-622
Ring Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com