Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 56Page - PMC-Sierra, Inc PM5313 Datasheet HTML 57Page - PMC-Sierra, Inc PM5313 Datasheet HTML 58Page - PMC-Sierra, Inc PM5313 Datasheet HTML 59Page - PMC-Sierra, Inc PM5313 Datasheet HTML 60Page - PMC-Sierra, Inc PM5313 Datasheet HTML 61Page - PMC-Sierra, Inc PM5313 Datasheet HTML 62Page - PMC-Sierra, Inc PM5313 Datasheet HTML 63Page - PMC-Sierra, Inc PM5313 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
28
Pin Name
Type
Pin
No.
Function
TDCK
Input
AL10
The parallel transmit data clock (TDCK) provides
timing for SPECTRA-622 transmit function
operation when the device is configured for the
parallel interface mode of operation only. When
both the serial and parallel interfaces are enabled,
the parallel input clock is ignored.
TDCK is a 77.76 MHz nominally 50% duty cycle
clock.
TFPI
Input
AG10 The transmit frame pulse input is an active high
pulse identifying the first synchronous payload
envelope byte in the STS-12 (STM-4) frame on
TD[7:0] bus or TXD+/- outputs. Selection of whether
TFPI indicates framing position on the TD[7:0] or
the TXD+/- is controlled by the TX_LIFSEL[1:0] bits
in the SPECTRA-622 Line Configuration #1
register. If LIFSEL is 01b, TFPI indicates framing
position on the TD[7:0] bus. If TX_LIFSEL[1:0] is
00b or 11b, TFPI indicates framing position on the
TXD+/- outputs.
TFPI should be set high for a single TCLK period
every 9720 TCLK cycles. It is not necessary for
TFPI to be present at every frame, an internal
counter fly-wheels based on the most recent TFPI
received. TFPI may be set low if such
synchronization is not required.
TFPI is sampled on the rising edge of TCLK.
TD[0]
TD[1]
TD[2]
TD[3]
TD[4]
TD[5]
TD[6]
TD[7]
Output
AK8
AL8
AH9
AJ9
AK9
AL9
AH10
AJ10
The parallel transmit data (TD[7:0]) bus carries the
STS-12 (STM-4) SONET/SDH transmit stream in
byte serial format. TD[7] is the most significant bit
(corresponding to bit 1 of each serial word, the first
bit transmitted). TD[0] is the least significant bit
(corresponding to bit 8 of each serial word, the last
bit transmitted).
TD[7:0] is updated on the rising edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com