Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 75Page - PMC-Sierra, Inc PM5313 Datasheet HTML 76Page - PMC-Sierra, Inc PM5313 Datasheet HTML 77Page - PMC-Sierra, Inc PM5313 Datasheet HTML 78Page - PMC-Sierra, Inc PM5313 Datasheet HTML 79Page - PMC-Sierra, Inc PM5313 Datasheet HTML 80Page - PMC-Sierra, Inc PM5313 Datasheet HTML 81Page - PMC-Sierra, Inc PM5313 Datasheet HTML 82Page - PMC-Sierra, Inc PM5313 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
47
Pin Name
Type
Pin
No.
Function
ROH
Tristate
Output
E20
The receive overhead (ROH) bit serial output signal
contains either the received section orderwire (E1),
user channel (F1) line order wire (E2) or line APS
bytes (K1/K2).
ROH is updated on the falling edge of ROHCLK
and should be sampled externally on the rising
edge of ROHCLK.
The RTOC Overhead Control register contains the
ROHSEL[1:0] register bits used to select the
section orderwire, section user channel, line
orderwire or line APS bytes. The same register also
contains the RX_GAPSEL register bit used to select
the smooth or gapped ROHCLK output clock and
the ROH_TS register bit that can be used to tri-
state ROHCLK and ROH outputs.
RTOHCLK
Output
A22
The receive transport overhead clock (RTOHCLK)
is used to update the received transport overhead
outputs (RTOH and RTOHFP).
RTOHCLK is nominally a 20.736 MHz clock
generated by gapping a 25.92 MHz clock.
RTOHCLK has a 33% high duty cycle.
RTOHFP and RTOH are updated on the falling
edge of RTOHCLK.
RTOH
Output
C21
The receive transport overhead (RTOH) bit serial
output signal contains the received transport
overhead bytes (A1, A2, J0, Z0, B1, E1, F1, D1-D3,
H1-H3, B2, K1, K2, D4-D12, Z1/S1, Z2/M1, and E2)
from the incoming stream.
RTOH is updated on the falling edge of RTOHCLK
and should be sampled externally on the rising
edge of RTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com