Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 30 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 30 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 26Page - Texas Instruments XTNETE2101PZ Datasheet HTML 27Page - Texas Instruments XTNETE2101PZ Datasheet HTML 28Page - Texas Instruments XTNETE2101PZ Datasheet HTML 29Page - Texas Instruments XTNETE2101PZ Datasheet HTML 30Page - Texas Instruments XTNETE2101PZ Datasheet HTML 31Page - Texas Instruments XTNETE2101PZ Datasheet HTML 32Page - Texas Instruments XTNETE2101PZ Datasheet HTML 33Page - Texas Instruments XTNETE2101PZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
30
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
Supply voltage range: VDD, VDDA, XMT_VDDA, (see Notes 1 and 2)–0.5 V to 4.6 V
VDD5 (see Notes 1 and 2)–0.5 V to 5.5 V
Input voltage range: TTL, VI–0.5 V to VDD + 0.5 V
5-V tolerant TTL, VI–0.5 V to VDD5 + 0.5 V
PECL, VI(<4.6 V max) VDD –2.02 V to VDD + 0.5 V
Output voltage range: TTL, VO–0.5 V to VDD + 0.5 V
5-V tolerant TTL, VO–0.5 V to VDD5 + 0.5 V
PECL, VO(<4.6 V max) VDD –2.02 V to VDD + 0.5 V
Thermal impedance, junction-to-ambient package, ZθJA: Airflow = 068.40°C/W
Airflow = 150 ft/min57.45
°C/W
Thermal impedance, junction-to-case package, ZθJC1.95°C/W
Operating case temperature range, TC0°C to 95°C
Storage temperature range, Tstg–65°C to 150°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Turning power supplies on and off (cycling sequence) within a mixed 5-V/3.3-V system is an important consideration. The designer
must observe a few rules to avoid damaging the TNETE2101. Check with the manufacturers of all components used in the 3.3-V
to 5-V interface to ensure that no unique device characteristics exist that would lead to rules more restrictive than the TNETE2101
requires.
• The optimum solution to power-supply sequencing in a mixed-voltage system is to ramp up the 3.3-V supply first. A power-on
reset component operating from this supply forces all 5-V-tolerant outputs into the high-impedance state. Then, the 5-V supply
is ramped up. On power down, the 5-V rail deenergizes first, followed by the 3.3-V rail.
• The second-best solution is to ramp both the 3.3-V and the 5-V rails at the same time, making sure that no more than 3.6 V exists
between these two rails during the ramp up or down. If the 3.3 V is derived from the 5 V, then the 3.3 V rises as the 5 V rises,
so the 5-V rail never exceeds the 3.3-V rail by more than 3.6 V. Both the optimum and second-best algorithms for power up prevent
device damage. If it is impractical to implement ramping, follow these rules:
When turning on the power supply, all 3.3-V and 5-V supplies should start ramping from 0 V and reach 95 percent of their
end-point values within 25 ms. All bus contention between the device and external devices is eliminated by the end of 25 ms.
When turning off the power supply, 3.3-V and 5-V supplies should start ramping from steady-state values and reach 5 percent
of their final values within 25 ms. All bus contention between devices and external devices is eliminated by the end of 25 ms.
There is a 250-s lifetime maximum at greater than 3.6-V difference between the supply rails. Holding the ramp-up/ramp-down
period to 25 ms per power-on/off cycle should not significantly contribute to mean-time-between-failure (MTBF) shifts during
product lifetimes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com