Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 27 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 23Page - Texas Instruments XTNETE2101PZ Datasheet HTML 24Page - Texas Instruments XTNETE2101PZ Datasheet HTML 25Page - Texas Instruments XTNETE2101PZ Datasheet HTML 26Page - Texas Instruments XTNETE2101PZ Datasheet HTML 27Page - Texas Instruments XTNETE2101PZ Datasheet HTML 28Page - Texas Instruments XTNETE2101PZ Datasheet HTML 29Page - Texas Instruments XTNETE2101PZ Datasheet HTML 30Page - Texas Instruments XTNETE2101PZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
27
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
autonegotiation next-page transmit register – AN_np at 0x07
BIT
15
14
13
12
11
10
987654321
BIT
0
NP
ACK
MP
ACK2
T
Message or Unformatted Code Field
Figure 16. Autonegotiation Next-Page Transmit Register
Table 14. Autonegotiation Next-Page Transmit-Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
NP
15
Next page. When a next page with NP set to 1 is transmitted, the link partner is informed that another next page
is to be transmitted (see Table 11). The default value of NP is 0.
ACK
14
Acknowledge. Reserved for internal use of the autonegotiation process. Write as 0, ignore during read.
MP
13
Message page. When MP is set to 1, AN_np contains a message-page code field. When MP is cleared to 0, AN_np
contains an unformatted-page code field (see Table 11). The default value of MP is 1.
ACK2
12
Acknowledge 2. Reserved for internal use of the autonegotiation process. Write as 0, ignore during read.
T
11
Toggle. Reserved for internal use of the autonegotiation process. Write as 0, ignore during read.
Message or
Unformatted
Code Field
10–0
Message or unformatted code field (see Table 11). The default value of the code field is 000.0000.0001, the null
message code.
PHY identifier high/low – TXPHY_id at 0x10
This hardwired 16-bit register contains a TI-assigned identifier code for the PHY PMIs. An additional identifier
is required to identify non-IEEE Std 802.3 PHY/PMIs, which are not otherwise supported by the IEEE Std 802.3
MII specification. The identifier code for the internal 10BASE-T/100BASE-TX PHY is 0x0003.
PHY control register – TXPHY_ctl at 0x11
BIT
15
14
13
12
11
10
987654321
BIT
0
I
G
L
I
N
K
S
W
A
P
O
L
M
A
N
C
O
N
F
S
Q
E
E
N
M
T
E
S
T
F
I
B
E
R
F
E
F
E
N
N
O
E
N
D
E
C
N
O
A
L
I
G
N
D
U
P
O
N
L
Y
R
E
P
E
A
T
E
R
R
X
R
E
S
E
T
N
O
L
I
N
K
P
N
F
E
W
I
N
T
E
N
T
I
N
T
Figure 17. PHY Control Register
Table 15. PHY Control-Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
IGLINK
15
Ignore link. When IGLINK is cleared to 0 (default), the 10BASE-T PHY expects to receive link pulses from the link
partner (hub, switch, and so on) and clears the LINK bit in the GEN_sts register to 0 if they are not present. When
IGLINK is set to 1, the internal link-integrity-test state machine is forced to stay in the LINK GOOD state even when
no link pulses are being received, and it also causes the LINK bit to stay set to 1.
SWAPOL
14
Swap polarity. Allows swapping the receive polarity when the MANCONF bit is set to 1. Writing a 1 to SWAPOL causes
the PHY to use the reverse of the IEEE Std 802.3 standard polarity for the ARCVP/ARCVN 10BASE-T receiver-input
pair. This is used to compensate for a cable in which the receive pair has been wired incorrectly.
See the PLOK bit description in register 0
×12 for a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com