Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 5 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 5 Page - Texas Instruments

  XTNETE2101PZ Datasheet HTML 1Page - Texas Instruments XTNETE2101PZ Datasheet HTML 2Page - Texas Instruments XTNETE2101PZ Datasheet HTML 3Page - Texas Instruments XTNETE2101PZ Datasheet HTML 4Page - Texas Instruments XTNETE2101PZ Datasheet HTML 5Page - Texas Instruments XTNETE2101PZ Datasheet HTML 6Page - Texas Instruments XTNETE2101PZ Datasheet HTML 7Page - Texas Instruments XTNETE2101PZ Datasheet HTML 8Page - Texas Instruments XTNETE2101PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
LED status
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
LACTIVITY
24
LED
O
Activity indicator. LACTIVITY lights an attached LED in response to receive and transmit activity
within the PHY.
LDUPCOL
25
LED
O
Duplex/collision indicator. LDUPCOL lights an attached LED in response to a network collision when
the PHY is in half-duplex mode of operation. The LED is illuminated continuously when the PHY is
in full-duplex mode.
LLINK
27
LED
O
Link status indicator. LLINK lights an attached LED when the PHY has established a valid link with
its partner. If autonegotiation is enabled, the driver flashes the LED during negotiation to indicate that
it is attempting to establish a link. This is useful because a negotiation takes a minimum of 3 seconds
(considerably longer if next-page information also is being exchanged), and the user may be tempted
to remove the cable if the link light does not illuminate immediately. The user also is alerted to a
network misconfiguration (where no common ability exists between the two link partners) by a
continuously flashing LED.
LSPEED
28
LED
O
Link speed indicator. LSPEED lights an attached LED when the PHY has established a valid
100BASE-TX link with its partner.
MII interface
TERMINAL
TYPE†
I/O
DESCRIPTION
NAME
NO.
TYPE†
I/O
DESCRIPTION
MCOL
(CDEVSEL4)
56
5-V TTL
I/O
Collision detect. MCOL indicates that the PHY is receiving data while simultaneously
transmitting. MCOL does not assert in full-duplex mode. The value of MCOL is latched on the
rising edge of MRST for use as CDEVSEL4, bit 4, of the MII device-select address.
MDCLK
43
5-V TTL
I
Management
data
clock.
MDCLK
clocks
serial
management
interface
to
the
physical-media-dependent (PMD) chip.
MDIO
42
5-V TTL
I/O
Management data I/O. MDIO is serial management interface to the PMD chip. MDIO is
synchronous to MDCLK.
MRCLK
54
5-V TTL
O
Receive clock. Receive clock source from the PHY. MRCLK is 2.5 MHz in 10BASE-T mode and
25 MHz in 100BASE-TX mode.
MCRS
55
5-V TTL
O
Carrier sense. MCRS asserts when the PHY initiates a frame reception.
MRST
41
5-V TTL
I
MII reset. MRST is the reset signal to the PMD front end (active low).
MRXD3
MRXD2
MRXD1
MRXD0
47
48
50
52
5-V TTL
O
Receive data. MRXD3–MRXD0 are nibble receive data bits 3–0 from the PHY. Data is
synchronous to MRCLK.
MRXDV
46
5-V TTL
O
Receive data valid. MRXDV indicates that data on MRXD0–MRXD3 is valid. MRXDV is
synchronous to MRCLK.
MRXER
45
5-V TTL
O
Receive error. MRXER indicates reception of a coding error on received data. MRXER is
synchronous to MRCLK.
MTCLK
66
5-V TTL
O
Transmit clock. MTCLK is the transmit clock source from the PHY. This clock is 2.5 MHz in
10BASE-T mode and 25 MHz in 100BASE-TX mode.
MTXD3
MTXD2
MTXD1
MTXD0
60
61
62
63
5-V TTL
I
Transmit data. MTXD3–MTXD0 are nibble transmit data bits 3–0 from the MAC. Data is
synchronous to MTCLK.
† 5-V TTL terminals are 5-V tolerant if VDD5 is connected to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com