Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 35 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 31Page - Texas Instruments XTNETE2101PZ Datasheet HTML 32Page - Texas Instruments XTNETE2101PZ Datasheet HTML 33Page - Texas Instruments XTNETE2101PZ Datasheet HTML 34Page - Texas Instruments XTNETE2101PZ Datasheet HTML 35Page - Texas Instruments XTNETE2101PZ Datasheet HTML 36Page - Texas Instruments XTNETE2101PZ Datasheet HTML 37Page - Texas Instruments XTNETE2101PZ Datasheet HTML 38Page - Texas Instruments XTNETE2101PZ Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
35
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
≤0.05 Vout+
≤0.05 Vout–
Vout+
0
Vout–
Figure 24. 100BASE-TX Transmit Amplitude
Vout+
0
Vout–
90% Vout+
10% Vout+
90% Vout–
t1
t3
t2
t4
NOTES: A. t1 occurs at 10% of Vout+.
B. t2 occurs at 90% of Vout+.
C. t3 occurs at 10% of Vout–.
D. t4 occurs at 90% of Vout–.
10% Vout–
Figure 25. 100BASE-TX Transmit Rise/Fall
0.5 ns
0.5 ns
0.5 ns
0.5 ns
Vout+
0
50% Vout+
50% Vout–
Vout–
Figure 26. 100BASE-TX Transmit Duty-Cycle Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com