Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 7 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 3Page - Texas Instruments XTNETE2101PZ Datasheet HTML 4Page - Texas Instruments XTNETE2101PZ Datasheet HTML 5Page - Texas Instruments XTNETE2101PZ Datasheet HTML 6Page - Texas Instruments XTNETE2101PZ Datasheet HTML 7Page - Texas Instruments XTNETE2101PZ Datasheet HTML 8Page - Texas Instruments XTNETE2101PZ Datasheet HTML 9Page - Texas Instruments XTNETE2101PZ Datasheet HTML 10Page - Texas Instruments XTNETE2101PZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
power
TERMINAL
POWER
DESCRIPTION
NAME
NO.
DOMAIN†
DESCRIPTION
VDDA
5, 13, 14, 96
VDDA
Power. Analog 3.3-V supply connection.
XMT_VDDA
84
XMT_AVDD
Power. Analog 3.3-V supply connection for transmit.
VDDA
4, 93
VDDA
Power. Analog 3.3-V supply connection for receive.
VDD5
31, 51, 72
VDD or
VDD5
Power. Power for digital I/O that connects to 3.3 V for 3.3-V I/O operations and to 5 V for 5-V
I/O operations. Used for I/O on MII and JTAG interface.
VDD
23, 35, 44, 53,
65, 78
VDDD
Power. Digital 3.3-V supply connection for core logic and I/O.
VSSA
7, 9, 10, 16,
86, 89, 90, 99,
100
GND
Ground. Analog ground connection.
VSS
26, 29, 40, 49,
59, 70, 75, 81
GND
Ground. Digital ground connection.
† Denotes suggested power-plane connection for layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com