Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 32 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 28Page - Texas Instruments XTNETE2101PZ Datasheet HTML 29Page - Texas Instruments XTNETE2101PZ Datasheet HTML 30Page - Texas Instruments XTNETE2101PZ Datasheet HTML 31Page - Texas Instruments XTNETE2101PZ Datasheet HTML 32Page - Texas Instruments XTNETE2101PZ Datasheet HTML 33Page - Texas Instruments XTNETE2101PZ Datasheet HTML 34Page - Texas Instruments XTNETE2101PZ Datasheet HTML 35Page - Texas Instruments XTNETE2101PZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
32
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MDIO timing requirements (see Figure 19)
NO.
PARAMETERS
MIN
MAX
UNIT
1
tsu(MDIO)
Setup time, MDIO valid to MDCLK high (see Note 6)
10
ns
2
th(MDIO)
Hold time, MDCLK high to MDIO changing (see Note 6)
10
ns
NOTE 6: MDIO is a bidirectional signal that can be sourced by the TNETE2101 or the PMI/PHY. When the TNET2101 sources the MDIO signal,
TNETE2101 asserts MDIO synchronous to the rising edge of MDCLK.
2 V
0.8 V
1
2
MDCLK
(input)
MDIO
(I/O)
Figure 19. MDIO Sourced by External Controller
MDIO timing requirements (see Figure 20)
NO.
MIN
MAX
UNIT
1
ta(MDIO)
Access time, MDIO valid to MDCLK high (see Note 7)
0
300
ns
2
tc(MDCLK)
Cycle time
400
NOTE 7: When the MDIO signal is sourced by the PMI/PHY, it is sampled by the TNETE2101 synchronous to the rising edge of MDCLK.
2 V
0.8 V
2 V
1
MDCLK
(input)
MDIO
(I/O)
2
Figure 20. MDIO Sourced by the TNETE2101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com