Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETE2101PZ Datasheet(PDF) 10 Page - Texas Instruments

Part # XTNETE2101PZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTNETE2101PZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button XTNETE2101PZ Datasheet HTML 6Page - Texas Instruments XTNETE2101PZ Datasheet HTML 7Page - Texas Instruments XTNETE2101PZ Datasheet HTML 8Page - Texas Instruments XTNETE2101PZ Datasheet HTML 9Page - Texas Instruments XTNETE2101PZ Datasheet HTML 10Page - Texas Instruments XTNETE2101PZ Datasheet HTML 11Page - Texas Instruments XTNETE2101PZ Datasheet HTML 12Page - Texas Instruments XTNETE2101PZ Datasheet HTML 13Page - Texas Instruments XTNETE2101PZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ARCVN
ARCVP
AXMTN
ACT
AXMTP
SLINK
MRST
MDCLK
MDIO
MCRS
MCOL
MRXER
MRXDV
MRXD0–MRXD3
MRCLK
MTXER
MTXEN
MTXD0–MTXD3
MTCLK
+1
+2
+3
+4
+5
+6
+7
+8
RJ-45C
0.1
µF
ACAGC
ACPLL
ACBLW
470 pF
270 pF
7.5 K
Ω
XTAL1
TNETE2101
XMT_VDDA
50
Ω
50
Ω
50
Ω
50
Ω
2.5 K
Ω
LLINK
LSPEED
LDUPCOL
LACTIVITY
ATXREF
AIREF
20-MHz
3.3-V
Oscillator
4700 pF
6.8 K
Ω
Valor ST6118
or Equivalent
Ethernet
Controller
1:1
Transformer
0.001
µF
VDD
Figure 2. External Components for the TNETE2101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com