Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 142Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 143Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 144Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 145Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 146Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 147Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 148Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 149Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
ST10F269
146/184
A complete conversion will take 14
tCC + 2 tSC + 4 TCL (fastest convertion rate = 6.06µs at 32MHz). This
time includes the conversion itself, the sample time and the time required to transfer the digital value to
the result register.
21.4 - AC characteristics
21.4.1 - Test Waveforms
21.4.2 - Definition of Internal Timing
The internal operation of the ST10F269 is
controlled by the internal CPU clock fCPU. Both
edges of the CPU clock can trigger internal (for
example pipeline) or external (for example bus
cycles) operations.
The specification of the external timing (AC
Characteristics) therefore depends on the time
Table 43 : ADC Sampling and Conversion Timing (TQFP144 devices)
ADCON.15/14
ADCTC
Conversion Clock tCC
ADCON.13/12
ADSTC
Sample Clock tSC
TCL = 1/2 x fXTAL
At fCPU = 32MHz
tSC =
At fCPU = 32MHz
and ADCTC = 00
00
TCL x 24
0.375
µs00
tCC
0.375
µs
01
Reserved, do not use
Reserved
01
tCC x 2
0.75
µs
10
TCL x 96
1.5
µs10
tCC x 4
1.50
µs
11
TCL x 48
0.75
µs11
tCC x 8
3.00
µs
Figure 66 : Input / Output Waveforms
Figure 67 : Float Waveforms
2.4V
0.45V
Test Points
0.2VDD+0.9
0.2VDD+0.9
0.2VDD-0.1
0.2VDD-0.1
AC inputs during testing are driven at 2.4V for a logic ‘1’ and 0.4V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
Timing
Reference
Points
VLoad +0.1V
VLoad -0.1V
VOH -0.1V
VOL +0.1V
VLoad
VOL
VOH
For timing purposes a port pin is no longer floating when VLOAD changes of ±100mV.
It begins to float when a 100mV change from the loaded VOH/VOL level occurs (IOH/IOL = 20mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com