Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 146Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 147Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 148Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 149Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 150Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 151Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 152Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 153Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
ST10F269
150/184
The real minimum value for TCL depends on the
jitter of the PLL. The PLL tunes fCPU to keep it
locked on fXTAL. The relative deviation of TCL is
the maximum when it is referred to one TCL
period. It decreases according to the formula and
to the Figure 69 given below. For N periods of TCL
the minimum value is computed using the
corresponding deviation DN:
where N = number of consecutive TCL periods
and 1
≤ N ≤ 40. So for a period of 3 TCL periods
(N = 3):
D3
=
4 - 3/15 = 3.8%
3TCLmin
=3TCLNOM x (1 - 3.8/100)
=3TCLNOM x 0.962
3TCLmin
=
36.075ns (at fCPU = 40MHz)
3TCLmin
=
45.1ns (at fCPU = 32MHz)
This is especially important for bus cycles using
wait states and e.g. for the operation of timers,
serial interfaces, etc. For all slower operations and
longer periods (e.g. pulse train generation or
measurement,
lower
Baud
rates,
etc.)
the
deviation caused by the PLL jitter is negligible.
21.4.8 - External Clock Drive XTAL1
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125 °C (PQFP144 devices)
Notes: 1. Theoretical minimum. The real minimum value depends on the duty cycle of the input clock signal. 25MHz is the maximum input
frequency when using an external crystal oscillator. However, 40MHz can be applied with an external clock source.
2. The input clock signal must reach the defined levels VIL and VIH2.
TCL
MIN
TCL
NOM
1
D
N
100
-------------
–




×
=
D
N
4N 15
) %
[]
⁄
–
(
±
=
Figure 69 : Approximated Maximum PLL Jitter
Parameter
Symbol
fCPU = fXTAL
fCPU = fXTAL / 2
fCPU = fXTAL x F
F = 1.5/2,/2.5/3/4/5
Unit
min
max
min
max
min
max
Oscillator period
tOSC SR
25 1
–
12.5
–
40 x N
100 x N
ns
High time
t1
SR
10 2
–
5 2
–
10 2
–ns
Low time
t2
SR
10 2
–
5 2
–
10 2
–ns
Rise time
t3
SR
–
3 2
–
3 2
–
3 2
ns
Fall time
t4
SR
–
3 2
–
3 2
–
3 2
ns
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This approximated formula is valid for
1
≤ N ≤ 40 and 10MHz ≤ f
CPU ≤ 40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com