Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 144Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 145Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 146Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 147Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 148Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 149Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 150Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 151Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 184 page
background image
ST10F269
148/184
21.4.3 - Clock Generation Modes
The Table 44 associates the combinations of these three bits with the respective clock generation mode.
Notes: 1. The external clock input range refers to a CPU clock range of 1...40MHz.
2. The maximum input frequency depends on the duty cycle of the external clock signal.
3. The maximum input frequency is 25MHz when using an external crystal with the internal oscillator; providing that internal serial
resistance of the crystal is less than 40
Ω. However, higher frequencies can be applied with an external clock source on pin XTAL1,
but in this case, the input clock signal must reach the defined levels VIL and VIH2..
.
Notes: 1. The external clock input range refers to a CPU clock range of 1...32MHz.
2. The maximum input frequency depends on the duty cycle of the external clock signal.
3. The maximum input frequency is 32MHz when using an external crystal with the internal oscillator; providing that internal serial
resistance of the crystal is less than 40
Ω. However, higher frequencies can be applied with an external clock source on pin XTAL1,
but in this case, the input clock signal must reach the defined levels VIL and VIH2..
Table 44 : CPU Frequency Generation (PQFP144 devices)
P0H.7 P0H.6 P0H.5 CPU Frequency fCPU = fXTAL x F External Clock Input Range1
Notes
11
1
fXTAL x 4
2.5 to 10MHz
Default configuration
11
0
fXTAL x 3
3.33 to 13.33MHz
10
1
fXTAL x 2
5 to 20MHz
10
0
fXTAL x 5
2 to 8MHz
01
1
fXTAL x 1
1 to 40MHz
Direct drive2
01
0
fXTAL x 1.5
6.66 to 26.66MHz
00
1
fXTAL x 0.5
2 to 80MHz
CPU clock via prescaler3
00
0
fXTAL x 2.5
4 to 16MHz
Table 45 : CPU Frequency Generation (TQFP144 devices)
P0H.7 P0H.6 P0H.5 CPU Frequency fCPU = fXTAL x F External Clock Input Range1
Notes
11
1
fXTAL x 4
2.5 to 8MHz
Default configuration
11
0
fXTAL x 3
3.33 to 10.67MHz
10
1
fXTAL x 2
5 to 16MHz
10
0
fXTAL x 5
2 to 6.4MHz
01
1
fXTAL x 1
1 to 32MHz
Direct drive2
01
0
fXTAL x 1.5
6.67 to 21.33MHz
00
1
fXTAL x 0.5
2 to 64MHz
CPU clock via prescaler3
00
0
fXTAL x 2.5
4 to 12.8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com