Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 2Page - Cypress Semiconductor STAR250 Datasheet HTML 3Page - Cypress Semiconductor STAR250 Datasheet HTML 4Page - Cypress Semiconductor STAR250 Datasheet HTML 5Page - Cypress Semiconductor STAR250 Datasheet HTML 6Page - Cypress Semiconductor STAR250 Datasheet HTML 7Page - Cypress Semiconductor STAR250 Datasheet HTML 8Page - Cypress Semiconductor STAR250 Datasheet HTML 9Page - Cypress Semiconductor STAR250 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 6 of 24
Electrical Specifications
Absolute Maximum Ratings
Radiation Tolerance
Figure 4. shows the increase in dark current under total dose
irradiation. This curve is measured when the radiation is at
high dose rate. Annealing results in a significant dark current
decrease.
Table 3. Absolute Maximum Ratings STAR250
Characteristics
Limits
Units
Remarks
Min
Max
Any Supply Voltage
-0.5
+7
V
Voltage on any Input Terminal
-0.5
Vdd + 0.5
V
Operating Temperature
0
+60
°C
Storage Temperature
-10
+60
°C
Sensor soldering Temperature
NA
125
°C
Hand soldering only. The
sensor’s temperature
during soldering should not
exceed this limit.
Table 4. Absolute Maximum Ratings STAR250BK7
Characteristics
Limits
Units
Remarks
Min
Max
Any Supply Voltage
-0.5
+7
V
Voltage on any Input Terminal
-0.5
Vdd + 0.5
V
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
-40
+120
°C
Maximum 1 hour
Sensor soldering Temperature
NA
125
°C
Hand soldering only. The
sensor’s temperature
during soldering should not
exceed this limit.
Table 5. Radiation Tolerance
Parameter
Criterion
Qualification level
Gamma Total Dose Radiation
tolerance
Increase in average dark current
< 1 nA/cm2 after 3 MRad
See graph
Image operation with dark signal
< 1V/s
10 Mrad demonstrated (Co60)
Single (test) pixel operation with
dark signal < 1V/s
24 Mrad demonstrated (Co60)
Proton Radiation Tolerance
1% of pixels has an increase in
dark current > 1 nA/cm2 after
3*10^10 protons at 11.7 MeV
see graph
SEL Threshold
> 80 MeV cm3 mg-1
To be confirmed
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com