Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 4Page - Cypress Semiconductor STAR250 Datasheet HTML 5Page - Cypress Semiconductor STAR250 Datasheet HTML 6Page - Cypress Semiconductor STAR250 Datasheet HTML 7Page - Cypress Semiconductor STAR250 Datasheet HTML 8Page - Cypress Semiconductor STAR250 Datasheet HTML 9Page - Cypress Semiconductor STAR250 Datasheet HTML 10Page - Cypress Semiconductor STAR250 Datasheet HTML 11Page - Cypress Semiconductor STAR250 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 8 of 24
DC Operating Conditions
Table 6. DC operating conditions
Symbol
Parameter
Min
Typ
Max
Units
VDD_ANA
Analogue supply voltage to imager part
5
V
VDD_DIG
Digital supply voltage to imager part
5
V
VDD_ADC_ANA
Analogue supply voltage to ADC
5
V
VDD_ADC_DIG
Digital supply voltage to ADC
5
V
VDD_ADC_DIG_3.3/5
Supply voltage of ADC output stage
3.3 to 5
V
VIH
Logical '1' input voltage
2.3
Vdd
V
VIL
Logical '0' input voltage
0
1
V
VOH
Logical '1' output voltage
4.25
4.5
V
VOL
Logical '0' output voltage
0.1
1
V
VDD_PIX
Pixel array power supply (default 5V, the device is
then in "soft reset". In order to avoid the image lag
associated with soft reset, reduce this voltage to
3…3.5V "hard reset")
5V
VDD_RESL
Reset power supply
5
V
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com