Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 3 Page - Cypress Semiconductor

  STAR250 Datasheet HTML 1Page - Cypress Semiconductor STAR250 Datasheet HTML 2Page - Cypress Semiconductor STAR250 Datasheet HTML 3Page - Cypress Semiconductor STAR250 Datasheet HTML 4Page - Cypress Semiconductor STAR250 Datasheet HTML 5Page - Cypress Semiconductor STAR250 Datasheet HTML 6Page - Cypress Semiconductor STAR250 Datasheet HTML 7Page - Cypress Semiconductor STAR250 Datasheet HTML 8Page - Cypress Semiconductor STAR250 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 3 of 24
FPN (Fixed Pattern Noise)
1 < 0.1% of full well
(typical)
Measured local, on central image area 50% of pixels, in
the dark
PRNU (Photo Response
Non-uniformity)
Local: 1 = 0.39% of response
Global: 1 = 1.3% of response
Measured in central image area 50% of pixels, at Qsat/2
Average Dark Current
Signal
4750 e-/s
At RT
DSNU (Dark Signal Non
Uniformity)
3805 e-/s RMS
At RT, scale linearly with integration time
MTF
Horizontal: 0.36
Vertical: 0.39
at 600 nm.
Optical Cross Talk
5% (TBC) to nearest neighbor if central
pixel is homogeneously illuminated
Anti-blooming Capacity
x 1000 to x 100 000
Output Amplifier Gain
1, 2, 4 or 8
Controlled by 2 bits
Windowing
X and Y 9-bit programmable shift
registers
Indicate upper left pixel of each window
Electronic Shutter Range
1: 512
Integration time is variable in time steps equal to the row
readout time
ADC
10 bit
ADC Linearity
± 3.5 counts
INL
Missing Codes
none
ADC Setup Time
310 ns
To reach 99% of final value
ADC Delay Time
125 ns
Power Dissipation
< 350 mW
Average at 8 MHz pixel rate
Table 2. Electro-optical Specifications (continued)
Parameter
Specification (all typical)
Comment
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com