Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 5Page - Cypress Semiconductor STAR250 Datasheet HTML 6Page - Cypress Semiconductor STAR250 Datasheet HTML 7Page - Cypress Semiconductor STAR250 Datasheet HTML 8Page - Cypress Semiconductor STAR250 Datasheet HTML 9Page - Cypress Semiconductor STAR250 Datasheet HTML 10Page - Cypress Semiconductor STAR250 Datasheet HTML 11Page - Cypress Semiconductor STAR250 Datasheet HTML 12Page - Cypress Semiconductor STAR250 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 9 of 24
Sensor Architecture
Figure 6. STAR250 Schematic
The base line of the STAR250 sensor design consists of an
imager with a 512 by 512 array of active pixels at 25
µm pitch.
The detector contains on-chip correction for Fixed Pattern
Noise (FPN) in the column amplifiers, a programmable gain
output amplifier and a 10-bit Analog-to-Digital Converter
(ADC). Through additional preset registers the start position of
a window can be programmed to enable fast read out of only
part of the detector array.
Pixel Structure
The image sensor consists of several building blocks as
outlined in Figure 6. The central element is a 512 by 512 pixel
array with square pixels at 25
µm pitch. Unlike classical
designs, the pixels of this sensor contain four photodiodes.
This configuration enhances the MTF and reduces the PRNU.
Figure 7. shows an electrical diagram of the pixel structure.
The four photodiodes are connected in parallel to the reset
transistor (T1). Transistor T2 converts the charge, collected on
the photo diode node, to a voltage signal that is connected to
the column bus by T3. The Reset and the Read entrance of
the pixel are connected to one of the Y shift registers.
Figure 7. STAR250 Pixel Structure
9
10
D9...D0
Clk_ADC
Ain
S
R
Column Amplifiers
512
512
1024
1024
Ld_X
X Address
Decoder / Shift Register
Rst
Sig
Progr. Gain
Amplifier
Sync_YL
Clk_YL
Ld_Y
9
9
512
Pixel Array
512 by 512 Pixels
512
Rst
Sel
Col
Clk_YR
SyncYR
A8...A0
Aout
9
T1
T2
T3
Read
Reset
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com