Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # STAR250
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 8Page - Cypress Semiconductor STAR250 Datasheet HTML 9Page - Cypress Semiconductor STAR250 Datasheet HTML 10Page - Cypress Semiconductor STAR250 Datasheet HTML 11Page - Cypress Semiconductor STAR250 Datasheet HTML 12Page - Cypress Semiconductor STAR250 Datasheet HTML 13Page - Cypress Semiconductor STAR250 Datasheet HTML 14Page - Cypress Semiconductor STAR250 Datasheet HTML 15Page - Cypress Semiconductor STAR250 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 12 of 24
Figure 10. Basic Readout Timing
SYNC_YR is not identical to as SYNC_YL. SYNC_YR is used
in case of electronic shutter operation. The CLK_YR is driven
identically as CLK_YL, but the SYNC_YR pulse leads the
SYNC_YL pulse by a certain number of rows. This lead time
is the effective integration (electronic shutter ~) time. Relative
to the row timing, both SYNC pulses are given at the same
time position, once for each frame, but during different rows.
SYNC_YL is pulsed when the first row is read out and
SYNC_YR is pulsed for the electronic shutter to start for this
first row. CAL is pulsed on the first row too, 2
µs later than
SYNC_YL.
The minimal idle time is 1.4
µs (before starting reading pixels).
However, do not read out pixels during the complete row initial-
ization process (in between the rising edge on S and the falling
edge on L/R). In this case, the total idle time is minimal. This
timing assumes that the Y start register was loaded in
advance, which can occur at any time but before the pulse on
SYNC_YL or SYNC_YR.
T13
T10
T2
T9
T16
T15
T17
T14
T12
T1
T3
T7
T4
T6
T4
T11
T5
T8
Time Available for Read Out of Row Y
Row Blanking Time
Row
Y-1
SYNC_YL
SYNC_YR
CAL
Row Start
Address
LD_Y
CLK_YL
CLK_YR
S
RESET
R
L/R
Table 7. Readout Timing Specifications
Symbol
Min
Typ
Description
T1
1.8
µs
Delay between selection of new row by falling edge on CLK_YL and falling edge on S.
Minimal value. Normally, CLK_YR is low already at the end of the previous sequence.
T2
1.8
µs
Delay between selection of new a row by SYNC_YL and falling edge on S.
T3
0.4
µs
Duration of S and R pulse.
T4
0.1
µs
Duration of RESET pulse.
T5
T4 + 40 ns
0.3
µs
L/R pulse must overlap second RESET pulse at both sides.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com